Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP1820 Datasheet HTML 9Page - Texas Instruments TMP1820 Datasheet HTML 10Page - Texas Instruments TMP1820 Datasheet HTML 11Page - Texas Instruments TMP1820 Datasheet HTML 12Page - Texas Instruments TMP1820 Datasheet HTML 13Page - Texas Instruments TMP1820 Datasheet HTML 14Page - Texas Instruments TMP1820 Datasheet HTML 15Page - Texas Instruments TMP1820 Datasheet HTML 16Page - Texas Instruments TMP1820 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
CONVERT TEMP
(44h)
waveform
Bus Reset
waveform
Answer to
Reset
MATCHADDR
(55h)
CONVERT TEMP
(44h)
Start of Conversion
Temperature
Conversion
Sequence
Bus
Communica on
Device 1
Device 2
Ac ve conversion me (tACT)
Shutdown
Shutdown
Command startup delay (tDELAY)
Device 1 SDQ pin voltage
Bus voltage High
Bus voltage Low
Constant current (conversion mode)
discharge
Bus voltage Low
Bus voltage High
Bus voltage Low
Bus voltage High
Bus voltage Low
Constant current
(Idle mode) discharge
Voltage drop
across
RPU_x resistor
Device 2 in shutdown
Device 1 selected
Device 2 converts
temperature
Bus voltage High
50% logic threshold
Bus Reset
Answer to
Reset
waveform
MATCHADDR
(55h)
waveform
Device 1 conversion starts
Device 2 can interpret voltage drop
across SDQ pin as bus reset order
Bus voltage High
Bus voltage Low
VSDQ
VDD(MIN)
Bu
s
vo
lta
ge
Lo
w
CONVERT TEMP
(44h)
waveform
Bus Reset
waveform
SDQ pin voltage
Voltage drop
across
RPU_x resistor
Answer to
Reset
waveform
MATCHADDR
(55h)
waveform
80% logic threshold
30% logic threshold
Device not ac vely looking at bus, but working
on command. Logic voltage are not important
during that me
Device ac vely looking at bus,
internal voltage levels are compared to bus voltage
Device 1 conversion interrupted
Figure 7-5. Two Device Bus Reset Behavior with Bus-Powered Mode
www.ti.com
TMP1820
SBOSA92 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com