Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP1820 Datasheet HTML 17Page - Texas Instruments TMP1820 Datasheet HTML 18Page - Texas Instruments TMP1820 Datasheet HTML 19Page - Texas Instruments TMP1820 Datasheet HTML 20Page - Texas Instruments TMP1820 Datasheet HTML 21Page - Texas Instruments TMP1820 Datasheet HTML 22Page - Texas Instruments TMP1820 Datasheet HTML 23Page - Texas Instruments TMP1820 Datasheet HTML 24Page - Texas Instruments TMP1820 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
conversion request is registered by the device, the device starts the conversion and then returns to low power
shutdown mode as shown in Figure 7-13.
Bus Reset
Answer to
Reset
SKIPADDR
(CCh)
CONVERT
TEMP (44h)
Start of Conversion
Ac ve conversion me (tACT)
Shutdown
Shutdown
Temperature
Conversion
Bus
Communica on
Command startup delay (tDELAY)
Figure 7-13. Single Device One-Shot Conversion Mode
In case multiple devices are present on the bus, see Figure 7-14, there is no change in how any one-shot
conversion is performed by each device. However, when multiple devices are present, the combined current
drain in bus-powered mode may cause the SDQ pin voltage to drop too low. In such use cases, it is required that
the host implement a low impedance current path using an external FET/transistor switch. This low impedance
path is switched on to satisfy the bus current requirement during active conversion and should be disabled after
the active conversion duration is reached.
Bus Reset
Answer to
Reset
SKIPADDR
(CCh)
CONVERT TEMP
(44h)
Start of Conversion
Temperature
Conversion Sequence
Bus Communica on
TMP1820
Device 0
TMP1820
Device 1
TMP1820
Device 2
Ac ve conversion me (tACT)
Shutdown
Shutdown
Command startup delay (tDELAY)
Figure 7-14. Multiple Device One-Shot Conversion Mode
7.4.2 1-Wire Interface Communication
To leverage the features effectively, the device access consists of three distinct phases. As shown in Figure
7-15, any bus communication starts with a bus reset condition to which every device on the bus must respond.
www.ti.com
TMP1820
SBOSA92 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com