Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP1820 Datasheet HTML 18Page - Texas Instruments TMP1820 Datasheet HTML 19Page - Texas Instruments TMP1820 Datasheet HTML 20Page - Texas Instruments TMP1820 Datasheet HTML 21Page - Texas Instruments TMP1820 Datasheet HTML 22Page - Texas Instruments TMP1820 Datasheet HTML 23Page - Texas Instruments TMP1820 Datasheet HTML 24Page - Texas Instruments TMP1820 Datasheet HTML 25Page - Texas Instruments TMP1820 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
This is followed by a highly configurable address phase, where the host selects which device to access. Finally
there is a function phase, where the host assigns actions the selected device(s) must complete.
Figure 7-15. 1-Wire Bus Communication
In 1-Wire bus all write and reads are initiated by the host.
7.4.2.1 Reset Phase
The reset phase is beginning the communication. The phase is initiated by the host by holding the 1-Wire data
line low for a period tRSTL. All devices on the bus, irrespective of their current state will respond to the reset
phase, will reinitialize their internal states and respond to the host-initiated reset. The devices respond after a
minimum of tPDH, by holding the 1-Wire low for a time period of tRSTH as shown in Figure 6-1.
After power on, the 1-Wire interface is configured in the overdrive mode. If the host sends a reset pulse between
48 µs to 80 µs, then only devices operating in overdrive mode will respond to the reset pulse, while all other
devices operating in standard mode will continue to wait for the standard mode reset pulse.
If the host sends a reset pulse of minimum tRSTL for standard mode, the device will respond to the reset and
automatically switch to standard mode. If the bus consists of mixed standard and overdrive speed devices, then
sending a reset pulse in standard mode will reset all devices to standard mode speed of communication.
It is illegal for the host to send the reset for a particular speed of operation and then communicate in the
alternate speed mode. Note also that if a reset pulse is sent which is greater than 80 µs, but less than 480 µs,
then device will be reset but proper the device operation may not be achieved.
7.4.2.2 Address Phase
The address phase follows the reset phase as shown in Figure 7-16 and Figure 7-17. During this phase, the host
presents one byte commands which may be followed either the host sending a 64-bit device address, a FLEX
address or by skipping the address. Some of the commands are used to discover the device address, while
others are used to select the device. The FLEX address has also been implemented whose code in stored in
the short register address by the manufacturer. The CRC code of the 8-byte device address is used as the short
address and stored in the short address register. This allows the devices to be addressed using 2 bytes instead
of 9 bytes.
TMP1820
SBOSA92 – SEPTEMBER 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com