Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 3 Page - Texas Instruments

  TMP1820 Datasheet HTML 1Page - Texas Instruments TMP1820 Datasheet HTML 2Page - Texas Instruments TMP1820 Datasheet HTML 3Page - Texas Instruments TMP1820 Datasheet HTML 4Page - Texas Instruments TMP1820 Datasheet HTML 5Page - Texas Instruments TMP1820 Datasheet HTML 6Page - Texas Instruments TMP1820 Datasheet HTML 7Page - Texas Instruments TMP1820 Datasheet HTML 8Page - Texas Instruments TMP1820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
5 Pin Configuration and Functions
1
2
3
Figure 5-1. LPG 3-Pin TO-92 — Front View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
TO-92
GND
3
—
Ground
SDQ
2
I/O
Serial bidirectional data. In bus-powered mode the pin is used to power the internal capacitor
VDD
1
I
Supply voltage in VDD powered mode. In bus-powered mode, this pin must be connected to
ground.
www.ti.com
TMP1820
SBOSA92 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com