Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP1820 Datasheet HTML 16Page - Texas Instruments TMP1820 Datasheet HTML 17Page - Texas Instruments TMP1820 Datasheet HTML 18Page - Texas Instruments TMP1820 Datasheet HTML 19Page - Texas Instruments TMP1820 Datasheet HTML 20Page - Texas Instruments TMP1820 Datasheet HTML 21Page - Texas Instruments TMP1820 Datasheet HTML 22Page - Texas Instruments TMP1820 Datasheet HTML 23Page - Texas Instruments TMP1820 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
7.3.8.3 Byte Communication
Even though the communication is done one bit at a time, the data exchanged between the host and device
is performed at byte boundary. Every byte is sent least significant bit (LSB) first. The device behavior is not
predictable when incomplete bytes are sent.
As mentioned in 1-Wire Communication, the communications is handled byte-by-byte by either the host or the
device.
7.3.8.3.1 Byte Communication Example
Figure Figure 7-12 shows an example of how the command 33h (READADDR) develops.
Figure 7-12. 33h (00110011b), READADDR Byte communication
As a reminder of the bit communication protocol used, Host Write-0 and host Write-1 timing are shown. For
additional information on bit communication, see Bit Communication.
7.3.9 Resolution and Temperature Conversion Time
Unlike most legacy devices, the TMP1820 temperature conversion time does not vary and the full 12-bit
resolution is always achieved in less than 27 ms.
.
7.4 Device Functional Modes
7.4.1 Conversion Modes
The TMP1820 supports one shot conversion in both bus-powered and supply-powered mode.
7.4.1.1 Basic One-Shot Conversion Mode
During the one-shot conversion, the device goes through a bus reset, and the address and function phases
to initiate the temperature conversion. During the communication, the device is in shutdown mode. After the
TMP1820
SBOSA92 – SEPTEMBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com