Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP1820 Datasheet HTML 35Page - Texas Instruments TMP1820 Datasheet HTML 36Page - Texas Instruments TMP1820 Datasheet HTML 37Page - Texas Instruments TMP1820 Datasheet HTML 38Page - Texas Instruments TMP1820 Datasheet HTML 39Page - Texas Instruments TMP1820 Datasheet HTML 40Page - Texas Instruments TMP1820 Datasheet HTML 41Page - Texas Instruments TMP1820 Datasheet HTML 42Page - Texas Instruments TMP1820 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
the supply and ground pins of the device as possible. A typical value for this supply bypass capacitor is 0.1
µF. Applications with noisy or high-impedance power supplies can require a bigger bypass capacitor to reject
power-supply noise.
In bus-powered mode, the VDD pin must be connected to ground. The internal capacitor in the device, is
sufficient to provide power during bus communication. The internal capacitor is recharged through the external
pullup resistor, during the recovery period. In cases where there is a long bus length or higher temperatures, it
may be necessary for the host to provide additional time for bus recovery so as to allow enough time for the
capacitor to recharge.
Note that bus communication are defaulted to overdrive mode. In OVD mode, ripple on the bus due to start-up
may be interpreted by the device as a standard mode reset pulse, preventing further bus communication with the
host in OVD mode.
8.6 Layout
8.6.1 Layout Guidelines
Place the power-supply bypass capacitor as close as possible to the supply and ground pins when in supply
powered mode. The recommended value of the capacitor is 0.1 µF. The open-drain SDQ pin requires an
external pullup resistor which must not be higher than RPUR.
When in bus-powered mode, only the external pullup resistor is required for the open-drain SDQ pin(s).
8.6.2 Layout Example
VDD Powered Mode
GND
SDQ
VDD
Bus Powered Mode
GND
SDQ
Figure 8-4. Layout Example
www.ti.com
TMP1820
SBOSA92 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com