Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 124 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 120Page - ATMEL Corporation ATMEGA649 Datasheet HTML 121Page - ATMEL Corporation ATMEGA649 Datasheet HTML 122Page - ATMEL Corporation ATMEGA649 Datasheet HTML 123Page - ATMEL Corporation ATMEGA649 Datasheet HTML 124Page - ATMEL Corporation ATMEGA649 Datasheet HTML 125Page - ATMEL Corporation ATMEGA649 Datasheet HTML 126Page - ATMEL Corporation ATMEGA649 Datasheet HTML 127Page - ATMEL Corporation ATMEGA649 Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 375 page
background image
124
ATmega329/3290/649/6490
2552H–AVR–11/06
non-inverted PWM and an inverted PWM output can be generated by setting the
COM1x1:0 to three (See Table 1 on page 127). The actual OC1x value will only be visi-
ble on the port pin if the data direction for the port pin is set as output (DDR_OC1x). The
PWM waveform is generated by setting (or clearing) the OC1x Register at the compare
match between OCR1x and TCNT1 when the counter increments, and clearing (or set-
ting) the OC1x Register at compare match between OCR1x and TCNT1 when the
counter decrements. The PWM frequency for the output when using phase and fre-
quency correct PWM can be calculated by the following equation:
The N variable represents the prescaler divider (1, 8, 64, 256, or 1024).
The extreme values for the OCR1x Register represents special cases when generating
a PWM waveform output in the phase correct PWM mode. If the OCR1x is set equal to
BOTTOM the output will be continuously low and if set equal to TOP the output will be
set to high for non-inverted PWM mode. For inverted PWM the output will have the
opposite logic values. If OCR1A is used to define the TOP value (WGM13:0 = 9) and
COM1A1:0 = 1, the OC1A output will toggle with a 50% duty cycle.
Timer/Counter Timing
Diagrams
The Timer/Counter is a synchronous design and the timer clock (clk
T1) is therefore
shown as a clock enable signal in the following figures. The figures include information
on when Interrupt Flags are set, and when the OCR1x Register is updated with the
OCR1x buffer value (only for modes utilizing double buffering). Figure 50 shows a timing
diagram for the setting of OCF1x.
Figure 50. Timer/Counter Timing Diagram, Setting of OCF1x, no Prescaling
Figure 51 shows the same timing data, but with the prescaler enabled.
f
OCnxPFCPWM
fclk_I/O
2 NTOP
⋅⋅
----------------------------
=
clk
Tn
(clk
I/O/1)
OCFnx
clk
I/O
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com