Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 127 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 123Page - ATMEL Corporation ATMEGA649 Datasheet HTML 124Page - ATMEL Corporation ATMEGA649 Datasheet HTML 125Page - ATMEL Corporation ATMEGA649 Datasheet HTML 126Page - ATMEL Corporation ATMEGA649 Datasheet HTML 127Page - ATMEL Corporation ATMEGA649 Datasheet HTML 128Page - ATMEL Corporation ATMEGA649 Datasheet HTML 129Page - ATMEL Corporation ATMEGA649 Datasheet HTML 130Page - ATMEL Corporation ATMEGA649 Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 375 page
background image
127
ATmega329/3290/649/6490
2552H–AVR–11/06
Table 62 shows the COM1x1:0 bit functionality when the WGM13:0 bits are set to the
fast PWM mode.
Note:
1. A special case occurs when OCR1A/OCR1B equals TOP and COM1A1/COM1B1 is
set. In this case the compare match is ignored, but the set or clear is done at BOT-
TOM. See “Fast PWM Mode” on page 118. for more details.
Table 63 shows the COM1x1:0 bit functionality when the WGM13:0 bits are set to the
phase correct or the phase and frequency correct, PWM mode.
Note:
1. A special case occurs when OCR1A/OCR1B equals TOP and COM1A1/COM1B1 is
set. See “Phase Correct PWM Mode” on page 120. for more details.
• Bit 1:0 – WGM11:0: Waveform Generation Mode
Combined with the WGM13:2 bits found in the TCCR1B Register, these bits control the
counting sequence of the counter, the source for maximum (TOP) counter value, and
what type of waveform generation to be used, see Table 64. Modes of operation sup-
ported by the Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare
match (CTC) mode, and three types of Pulse Width Modulation (PWM) modes. (See
“Modes of Operation” on page 117.).
Table 62. Compare Output Mode, Fast PWM
(1)
COM1A1/COM1B1
COM1A0/COM1B0
Description
0
0
Normal port operation, OC1A/OC1B
disconnected.
0
1
WGM13:0 = 14 or 15: Toggle OC1A on Compare
Match, OC1B disconnected (normal port
operation). For all other WGM1 settings, normal
port operation, OC1A/OC1B disconnected.
1
0
Clear OC1A/OC1B on Compare Match, set
OC1A/OC1B at BOTTOM (non-inverting mode).
1
1
Set OC1A/OC1B on Compare Match, clear
OC1A/OC1B at BOTTOM (inverting mode).
Table 63. Compare Output Mode, Phase Correct and Phase and Frequency Correct
PWM
(1)
COM1A1/COM1B1
COM1A0/COM1B0
Description
0
0
Normal port operation, OC1A/OC1B
disconnected.
0
1
WGM13:0 = 9 or 11: Toggle OC1A on Compare
Match, OC1B disconnected (normal port
operation). For all other WGM1 settings, normal
port operation, OC1A/OC1B disconnected.
1
0
Clear OC1A/OC1B on Compare Match when up-
counting. Set OC1A/OC1B on Compare Match
when counting down.
1
1
Set OC1A/OC1B on Compare Match when up-
counting. Clear OC1A/OC1B on Compare Match
when counting down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com