Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 137 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 133Page - ATMEL Corporation ATMEGA649 Datasheet HTML 134Page - ATMEL Corporation ATMEGA649 Datasheet HTML 135Page - ATMEL Corporation ATMEGA649 Datasheet HTML 136Page - ATMEL Corporation ATMEGA649 Datasheet HTML 137Page - ATMEL Corporation ATMEGA649 Datasheet HTML 138Page - ATMEL Corporation ATMEGA649 Datasheet HTML 139Page - ATMEL Corporation ATMEGA649 Datasheet HTML 140Page - ATMEL Corporation ATMEGA649 Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 375 page
background image
137
ATmega329/3290/649/6490
2552H–AVR–11/06
Compare Match Output
Unit
The Compare Output mode (COM2A1:0) bits have two functions. The Waveform Gener-
ator uses the COM2A1:0 bits for defining the Output Compare (OC2A) state at the next
compare match. Also, the COM2A1:0 bits control the OC2A pin output source. Figure 57
shows a simplified schematic of the logic affected by the COM2A1:0 bit setting. The I/O
Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the
general I/O Port Control Registers (DDR and PORT) that are affected by the COM2A1:0
bits are shown. When referring to the OC2A state, the reference is for the internal OC2A
Register, not the OC2A pin.
Figure 57. Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OC2A) from the
Waveform Generator if either of the COM2A1:0 bits are set. However, the OC2A pin
direction (input or output) is still controlled by the Data Direction Register (DDR) for the
port pin. The Data Direction Register bit for the OC2A pin (DDR_OC2A) must be set as
output before the OC2A value is visible on the pin. The port override function is indepen-
dent of the Waveform Generation mode.
The design of the Output Compare pin logic allows initialization of the OC2A state
before the output is enabled. Note that some COM2A1:0 bit settings are reserved for
certain modes of operation. See “8-bit Timer/Counter Register Description” on page
144.
Compare Output Mode and
Waveform Generation
The Waveform Generator uses the COM2A1:0 bits differently in normal, CTC, and PWM
modes. For all modes, setting the COM2A1:0 = 0 tells the Waveform Generator that no
action on the OC2A Register is to be performed on the next compare match. For com-
pare output actions in the non-PWM modes refer to Table 68 on page 145. For fast
PWM mode, refer to Table 69 on page 145, and for phase correct PWM refer to Table
70 on page 145.
A change of the COM2A1:0 bits state will have effect at the first compare match after the
bits are written. For non-PWM modes, the action can be forced to have immediate effect
by using the FOC2A strobe bits.
PORT
DDR
DQ
DQ
OCnx
Pin
OCnx
DQ
Waveform
Generator
COMnx1
COMnx0
0
1
FOCnx
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com