Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 193 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 193 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 189Page - ATMEL Corporation ATMEGA649 Datasheet HTML 190Page - ATMEL Corporation ATMEGA649 Datasheet HTML 191Page - ATMEL Corporation ATMEGA649 Datasheet HTML 192Page - ATMEL Corporation ATMEGA649 Datasheet HTML 193Page - ATMEL Corporation ATMEGA649 Datasheet HTML 194Page - ATMEL Corporation ATMEGA649 Datasheet HTML 195Page - ATMEL Corporation ATMEGA649 Datasheet HTML 196Page - ATMEL Corporation ATMEGA649 Datasheet HTML 197Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 375 page
background image
193
ATmega329/3290/649/6490
2552H–AVR–11/06
Figure 81. Two-wire Mode, Typical Timing Diagram
Referring to the timing diagram (Figure 81.), a bus transfer involves the following steps:
1.
The a start condition is generated by the Master by forcing the SDA low line while
the SCL line is high (A). SDA can be forced low either by writing a zero to bit 7 of
the Shift Register, or by setting the corresponding bit in the PORT Register to
zero. Note that the Data Direction Register bit must be set to one for the output to
be enabled. The slave device’s start detector logic (Figure 82.) detects the start
condition and sets the USISIF Flag. The flag can generate an interrupt if
necessary.
2.
In addition, the start detector will hold the SCL line low after the Master has
forced an negative edge on this line (B). This allows the Slave to wake up from
sleep or complete its other tasks before setting up the Shift Register to receive
the address. This is done by clearing the start condition flag and reset the
counter.
3.
The Master set the first bit to be transferred and releases the SCL line (C). The
Slave samples the data and shift it into the Serial Register at the positive edge of
the SCL clock.
4.
After eight bits are transferred containing slave address and data direction (read
or write), the Slave counter overflows and the SCL line is forced low (D). If the
slave is not the one the Master has addressed, it releases the SCL line and waits
for a new start condition.
5.
If the Slave is addressed it holds the SDA line low during the acknowledgment
cycle before holding the SCL line low again (i.e., the Counter Register must be
set to 14 before releasing SCL at (D)). Depending of the R/W bit the Master or
Slave enables its output. If the bit is set, a master read operation is in progress
(i.e., the slave drives the SDA line) The slave can hold the SCL line low after the
acknowledge (E).
6.
Multiple bytes can now be transmitted, all in same direction, until a stop condition
is given by the Master (F). Or a new start condition is given.
If the Slave is not able to receive more data it does not acknowledge the data byte it has
last received. When the Master does a read operation it must terminate the operation by
force the acknowledge bit low after the last byte transmitted.
Figure 82. Start Condition Detector, Logic Diagram
P
S
ADDRESS
1 - 7
8
9
R/W
ACK
ACK
1 - 8
9
DATA
ACK
1 - 8
9
DATA
SDA
SCL
A
B
D
E
C
F
SDA
SCL
Write( USISIF)
CLOCK
HOLD
USISIF
DQ
CLR
DQ
CLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com