Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 194 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 194 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 190Page - ATMEL Corporation ATMEGA649 Datasheet HTML 191Page - ATMEL Corporation ATMEGA649 Datasheet HTML 192Page - ATMEL Corporation ATMEGA649 Datasheet HTML 193Page - ATMEL Corporation ATMEGA649 Datasheet HTML 194Page - ATMEL Corporation ATMEGA649 Datasheet HTML 195Page - ATMEL Corporation ATMEGA649 Datasheet HTML 196Page - ATMEL Corporation ATMEGA649 Datasheet HTML 197Page - ATMEL Corporation ATMEGA649 Datasheet HTML 198Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 375 page
background image
194
ATmega329/3290/649/6490
2552H–AVR–11/06
Start Condition Detector
The start condition detector is shown in Figure 82. The SDA line is delayed (in the range
of 50 to 300 ns) to ensure valid sampling of the SCL line. The start condition detector is
only enabled in Two-wire mode.
The start condition detector is working asynchronously and can therefore wake up the
processor from the Power-down sleep mode. However, the protocol used might have
restrictions on the SCL hold time. Therefore, when using this feature in this case the
Oscillator start-up time set by the CKSEL Fuses (see “Clock Systems and their Distribu-
tion” on page 25) must also be taken into the consideration. Refer to the USISIF bit
description on page 195 for further details.
Clock speed considerations.
Maximum frequency for SCL and SCK is f
CK /4. This is also the maximum data transmit
and receieve rate in both two- and three-wire mode. In two-wire slave mode the Two-
wire Clock Control Unit will hold the SCL low until the slave is ready to receive more
data. This may reduce the actual data rate in two-wire mode.
Alternative USI Usage
When the USI unit is not used for serial communication, it can be set up to do alternative
tasks due to its flexible design.
Half-duplex Asynchronous
Data Transfer
By utilizing the Shift Register in Three-wire mode, it is possible to implement a more
compact and higher performance UART than by software only.
4-bit Counter
The 4-bit counter can be used as a stand-alone counter with overflow interrupt. Note
that if the counter is clocked externally, both clock edges will generate an increment.
12-bit Timer/Counter
Combining the USI 4-bit counter and Timer/Counter0 allows them to be used as a 12-bit
counter.
Edge Triggered External
Interrupt
By setting the counter to maximum value (F) it can function as an additional external
interrupt. The Overflow Flag and Interrupt Enable bit are then used for the external inter-
rupt. This feature is selected by the USICS1 bit.
Software Interrupt
The counter overflow interrupt can be used as a software interrupt triggered by a clock
strobe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com