Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 196 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 196 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 192Page - ATMEL Corporation ATMEGA649 Datasheet HTML 193Page - ATMEL Corporation ATMEGA649 Datasheet HTML 194Page - ATMEL Corporation ATMEGA649 Datasheet HTML 195Page - ATMEL Corporation ATMEGA649 Datasheet HTML 196Page - ATMEL Corporation ATMEGA649 Datasheet HTML 197Page - ATMEL Corporation ATMEGA649 Datasheet HTML 198Page - ATMEL Corporation ATMEGA649 Datasheet HTML 199Page - ATMEL Corporation ATMEGA649 Datasheet HTML 200Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 375 page
background image
196
ATmega329/3290/649/6490
2552H–AVR–11/06
When Two-wire mode is selected, the USIPF Flag is set (one) when a stop condition is
detected. The flag is cleared by writing a one to this bit. Note that this is not an Interrupt
Flag. This signal is useful when implementing Two-wire bus master arbitration.
• Bit 4 – USIDC: Data Output Collision
This bit is logical one when bit 7 in the Shift Register differs from the physical pin value.
The flag is only valid when Two-wire mode is used. This signal is useful when imple-
menting Two-wire bus master arbitration.
• Bits 3..0 – USICNT3..0: Counter Value
These bits reflect the current 4-bit counter value. The 4-bit counter value can directly be
read or written by the CPU.
The 4-bit counter increments by one for each clock generated either by the external
clock edge detector, by a Timer/Counter0 Compare Match, or by software using USI-
CLK or USITC strobe bits. The clock source depends of the setting of the USICS1..0
bits. For external clock operation a special feature is added that allows the clock to be
generated by writing to the USITC strobe bit. This feature is enabled by write a one to
the USICLK bit while setting an external clock source (USICS1 = 1).
Note that even when no wire mode is selected (USIWM1..0 = 0) the external clock input
(USCK/SCL) are can still be used by the counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com