Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 102 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 102 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 98Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 99Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 100Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 101Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 102Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 103Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 104Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 105Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 106Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
100/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Audio Mixing Output Mode
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x23
MIX_DERATIO
[5]
0x19
0x19
MIX_DERATIO
: Selection of the mixing gain mode
0 :
Apply the mixing gain for MIX_RATIO_01-P4 (BANK1,0x16~0x21)
separately
1 :
Apply all mixing gain as the same gain (x1).
MIX_OUTSEL
[4:0]
MIX_OUTSEL
: Select the audio output for analog mixing out.
00
:
Channel 1
01
:
Channel 2
02
:
Channel 3
03
:
Channel 4
04
:
Channel 5
05
:
Channel 6
06
:
Channel 7
07
:
Channel 8
08
:
Channel 9
09
:
Channel 10
0A
:
Channel 11
0B
:
Channel 12
0C
:
Channel 13
0D
:
Channel 14
0E
:
Channel 15
0F
:
Channel 16
10
:
playback audio
11
:
second playback audio
(first stage playback audio)
(middle stage playback audio)
12
:
third playback audio
13
:
fourth playback audio
(middle stage playback audio)
(middle stage playback audio)
14
:
Mic input 1
15
:
Mic input 2
18
:
Mixed audio
Others
:
No audio output
Registers to Control Analog and Digital Mixing output
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x24
L_CH_OUTSEL
[4:0]
0x18
0x18
L_CH_OUTSEL / R_CH_OUTSEL
: Select Left/Right channel of the audio output for ADATA_SP pin
00
:
Channel 1
01
:
Channel 2
02
:
Channel 3
03
:
Channel 4
04
:
Channel 5
05
:
Channel 6
06
:
Channel 7
07
:
Channel 8
08
:
Channel 9
09
:
Channel 10
0A
:
Channel 11
0B
:
Channel 12
0C
:
Channel 13
0D
:
Channel 14
0E
:
Channel 15
0F
:
Channel 16
10
:
playback audio
11
:
second playback audio
(first stage playback audio)
(middle stage playback audio)
12
:
third playback audio
13
:
fourth playback audio
(middle stage playback audio)
(middle stage playback audio)
14
:
Mic input 1
15
:
Mic input 2
18
:
Mixed audio
Others
:
No audio output
0x25
R_CH_OUTSEL
0x16
0x16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com