Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 104 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 104 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 100Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 101Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 102Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 103Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 104Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 105Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 106Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 107Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 108Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
102/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Audio Detection
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x2A
ADET_01
[0]
0xFF
0xFF
ADET_0x / ADET_Mx
: Enable bit audio signal existence checking function for AIN1-8 and MICIN1.
(x =
channel 1~8 )
ADET_02
[1]
ADET_03
[2]
ADET_04
[3]
ADET_05
[4]
0
:
Don’t use this function
1
:
Use this function
ADET_06
[5]
ADET_07
[6]
ADET_08
[7]
0x2B
ADET_M1
[6]
0x40
0x40
Registers to Control Audio Detection
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x2C
ADET_TH_01
[3:0]
0xAA
0xAA
ADET_TH_0x
:
Set the thesshold value for audio signal existence of AIN1-8 and MICIN1
ADET_TH_02
[7:4]
0x2D
ADET_TH_03
[3:0]
ADET_TH_04
[7:4]
0x2E
ADET_TH_05
[3:0]
ADET_TH_06
[7:4]
0x2F
ADET_TH_07
[3:0]
ADET_TH_08
[7:4]
0x30
ADET_TH_M1
[3:0]
0x0A
0x0A
Registers to Control Audio Software Reset
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x38
AUD_SW_RST
[4]
0x08
0x08
AUD_SW_RST
: Software Reset
0
:
Normal Operation
1
:
Reset
Registers to Control Audio Interface
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x39
RM_DELAY
[7]
0x01
0x01
RM_DELAY
: Internal Record-Sync signal to 1-clock delay
0
:
default
1
:
1 clk delay
PB_DELAY
[6]
PB_DELAY
: Internal Play-Back-Sync signal to 1-clock delay
0
:
default
1
:
1 clk delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com