Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 107 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 107 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 103Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 104Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 105Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 106Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 107Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 108Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 109Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 110Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 111Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
105/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Select Video Output
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0xC0
VPORT1_SEQ1
[3:0]
0x00
0x00
VPORTx_SEQy
: Select the type of output video signal through each video output port
(x =
VDO output port number,
y= channel count for 1-port)
0
:
Nomal Display of Channel 1
1
:
Nomal Display of Channel 2
2
:
Nomal Display of Channel 3
3
:
Nomal Display of Channel 4
8
:
Motion Display of Channel 1
9
:
Motion Display of Channel 2
A
:
Motion Display of Channel 3
B
:
Motion Display of Channel 4
Etc.:
Don
’t use
VPORT1_SEQ2
[7:4]
0xC1
VPORT1_SEQ3
[3:0]
0x00
0x00
VPORT1_SEQ4
[7:4]
0xC2
VPORT2_SEQ1
[3:0]
0x11
0x11
VPORT2_SEQ2
[7:4]
0xC3
VPORT2_SEQ3
[3:0]
0x11
0x11
VPORT2_SEQ4
[7:4]
0xC4
VPORT3_SEQ1
[3:0]
0x22
0x22
VPORT3_SEQ2
[7:4]
0xC5
VPORT3_SEQ3
[3:0]
0x22
0x22
VPORT3_SEQ4
[7:4]
0xC6
VPORT4_SEQ1
[3:0]
0x33
0x33
VPORT4_SEQ2
[7:4]
0xC7
VPORT4_SEQ3
[3:0]
0x33
0x33
VPORT4_SEQ4
[7:4]
Registers to Select Video Output
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0xC8
CH_OUT_SELA
[3:0]
0x00
0x00
CH_OUT_SEQx
: Select the output form of the data generated in case that the system is not
set at No Video. (x = VDO output port number)
When MODE_ENABLE (BANK0,0x81~0x83) = 0x02~0x05
2
: 148.5MHz AFHD and AHD 60/50P data of ch 1
3
: 148.5MHz time-mixed CIF AFHD and AHD 60/50P data of ch 1,2
Etc.:
Don
’t use
When MODE_ENABLE (BANK0,0x81~0x83) ≠ 0x00, 0x02~0x05
0
: 74.25MHz AHD data of ch 1
1
: 74.25MHz time-mixed CIF AHD data of ch 1,2
2
: 148.5MHz time-mixed AHD data of ch 1,2
3
: 148.5MHz time-mixed CIF AHD data of ch 1,2,3,4
Etc.:
Don
’t use
When MODE_ENABLE (BANK0,0x81~0x83) = 0x00,
0
: 27/37.125MHz D1 data of ch 1 (SD 720H/960H_MODE)
1
: 27/37.125MHz time-mixed CIF D1 data of ch 1,2
(SD 720H/960H_MODE)
2
: 54/74.25MHz time-mixed D1 data of ch 1,2 (SD 720H/960H_MODE)
3
: 54/74.25MHz time-mixed CIF D1 data of ch 1,2,3,4
(SD 720H/960H_MODE)
8
: 108/148.5MHz time-mixed D1 data of ch 1,2,3,4
(Only SD 720H/960H_MODE)
Etc.:
Don
’t use
CH_OUT_SELB
[7:4]
0xC9
CH_OUT_SELC
[3:0]
CH_OUT_SELD
[7:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com