Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 115 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 115 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 111Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 112Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 113Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 114Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 115Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 116Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 117Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 118Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 119Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
113/125
4-CH AHD2.0 RX and 9-CH Audio Codec
COAXIAL Registers
CH1 Coaxial Register : Bank3 0x00~0x7F
CH2 Coaxial Register : Bank3 0x80~0xFF
CH3 Coaxial Register : Bank4 0x00~0x7F
CH4 Coaxial Register : Bank4 0x80~0xFF
Registers to Control Baud Rate
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x00
/
0x80
CHx_BAUD
[7:0]
0x0E
0x0E
CHx_BAUD (x = Channel Number)
: Samsung and A-CP TX Baud Rate
0x02
/
0x82
CHx_PELCO_BAUD
[7:0]
0x0D
0x0D
CHx_PELCO_BAUD (x = Channel Number)
: PELCO TX Baud Rate
Coaxial protocol 1H Line
Registers to Control Start Point of VBI(Vertical Blank Interval)
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x03
/
0x83
CHx_BL_TXST_01
[7:0]
0x0E
0x0E
CHx_BL_TXST_01 (x = Channel Number)
: Samsung and A-CP Protocol TX start Line in VBI
BL_TXST_01 is Lower 8bit
0x04
/
0x84
CHx_BL_TXST_02
[3:0]
0x00
0x00
CHx_BL_TXST_02 (x = Channel Number)
: Samsung and A-CP Protocol TX start Line in VBI
BL_TXST_02 is upper 4bit
0x05
/
0x85
CHx_ACT_LEN
[3:0]
0x00
0x00
CHx_ACT_LEN (x = Channel Number)
: A-CP Line number
0x07
/
0x87
CHx_PELCO_TXST [7:0]
[7:0]
0x0E
0x0E
CHx_PELCO_TXST_01 (x = Channel Number)
: PELCO Protocol TX Start Line in VBI
PELCO_TXST_01 is lower 8bit
0x08
/
0x88
CHx_PELCO_TXST [11:8]
[3:0]
0x00
0x00
CHx_PELCO_TXST_02 (x = Channel Number)
: PELCO Protocol TX Start Line in VBI
PELCO_TXST_02 is upper 4bit
Coaxial protocol Active Start Point of VBI(Vertical Blank Interval)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com