Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 118 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 118 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 114Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 115Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 116Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 117Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 118Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 119Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 120Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 121Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 122Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
116/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Coaxial Data
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x20
/
0xA0
CHx_PELCO_TXDAT_01
[7:0]
0x00
0x00
CHx_PELCO_TXDAT_01 ~ CHx_PELCO_TXDAT_02
: 18
th Line in PELCO Protocol
(x = Channel Number)
0x21
/
0xA1
CHx_PELCO_TXDAT_02
[7:0]
0x00
0x00
0x22
/
0xA2
CHx_PELCO_TXDAT_03
[7:0]
0x00
0x00
CHx_PELCO_TXDAT_03 ~ CHx_PELCO_TXDAT_04
: 19
th Line in PELCO Protocol
(x = Channel Number)
0x23
/
0xA3
CHx_PELCO_TXDAT_04
[7:0]
0x00
0x00
Registers to Control Coaxial Protocol
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x2C
/
0xAC
CHx_VSO_INV
[7:0]
0x00
0x00
CHx_VSO_INV (x = Channel Number)
: Vertical Sync Inverter (Active High)
0x2D
/
0xAD
CHx_HSO_INV
[7:0]
0x00
0x00
CHx_HSO_INV (x = Channel Number)
: Horizontal Sync Inverter (Active High)
0x2F
/
0xAF
CHx_Even_line_modification
[7:0]
0x00
0x00
Control Protocol Active line on each field
Registers to Control Coaxial Protocol
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x3A
/
0xBA
CHx_CLEAN
[0]
0x00
0x00
CHx_CLEAN (x = Channel Number)
: RX Register is Read Only. So it need clean Condition
First, this register set ON.
Second, Read I2C Protocol 0x90.
And then Clean the Samsung RX Registers.
0x3B
/
0xBB
CHx_AUTO
[7]
0x00
0x00
CHx_AUTO (x = Channel Number)
: Control PELCO Protocol Sequence simply
Enable AUTO, and then Whenever writes I2C Protocol 0x94,Pelco Protocol
is generated Automatically
CHx_CMD_LIST
[4:0]
CHx_CMD_LIST (x = Channel Number)
: PELCO Command List
00
:
SET
02
:
DOWN
04
:
RIGHT
06
:
IRS_OPEN
08
:
FOCUS NEAR
0A
:
ZOOM WIDE
0C
:
SC1 SR
0E
:
PRE SET 1
10
:
PRE SET 3
12
:
PT 1 ST
14
:
PT 2 ST
16
:
PT 3 ST
Default
:
CLEAN (all
‘0’)
01
:
UP
03
:
LEFT
05
:
OSD ON
07
:
IRS_CLOSE
09
:
FOCUS FAR
0B
:
ZOOM TILT
0D
:
SC1 ST
0F
:
PRE SET 2
11
:
PT 1 SR
13
:
PT 2 SR
15
:
PT 3 SR
17
:
PT RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com