Electronic Components Datasheet Search
  English  ▼

X  

83C795 Datasheet(PDF) 10 Page - SMSC Corporation

Part # 83C795
Description  Ethernet System Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

83C795 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button 83C795 Datasheet HTML 6Page - SMSC Corporation 83C795 Datasheet HTML 7Page - SMSC Corporation 83C795 Datasheet HTML 8Page - SMSC Corporation 83C795 Datasheet HTML 9Page - SMSC Corporation 83C795 Datasheet HTML 10Page - SMSC Corporation 83C795 Datasheet HTML 11Page - SMSC Corporation 83C795 Datasheet HTML 12Page - SMSC Corporation 83C795 Datasheet HTML 13Page - SMSC Corporation 83C795 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
1.0
GENERAL DESCRIPTION
T he S MC 83C795 E thernet S ys tem Controller
implements the IEEE 802.3 protocol for networks
s uch as E thernet, Cheapernet, and10BaseT. It is a
highly integrateddevice that s hrinks thees senceof
a LAN adapter card onto a s ingle piece of s ilicon. It
includes the 802.3 Media Access Control (MAC)
functions, the Phys ical Layer Interface (PLI) for
10BAS E -T media, andahos t interfacedes ignedfor
s imple connection to the I ndus try S tandard
Architecture (IS A) PC/AT bus.
To create a LAN adapter only the 83C795, a single
buffer R AM, an E E R OM chip, andan optional R OM
for B IOS or IP L code s torage are required.
T ransformers and s upporting analog components
complete an adapter design. All necessary control
logic is provided by the 83C795.
T he resulting LAN adapter appears to the hos t as
a block of I/O regis ters with a block of s hared
memory, unles s the I/O pipe is us ed. T he base
address for I/O regis ters is programmable as is the
base addres s and s ize of the buffer memory.
T his device is s imilar to the S MC 83C790 LAN
controller with three major differences:
• A small memory cache has been added for host
accesses to shared memory.
• An I/O pipe mode has been added to access the
buffer memory.
• Auto-configurability logic has been added in
order to comply with the new ISA Plug and Play
specification.
As with the83C790 chip, therearetwobasicmodes
of operation: normal and ALT E GO. In the normal
mode, the LAN controller operates much like the
83C690 LAN Controller with receivedframes being
buffered in a ring of contiguous , fixed-s ize buffers .
When the ALT E GO feature is enabled, the device
s witches to a very different mode of operation. T he
differences are s ummarized here and explained in
detail throughout the s pecification:
1.
Linked-list style of buffering instead of ring
buffers.
2.
Different register map for LAN controller, ex-
posing new registers for the linked-list buff-
ering.
F igure 1-1 depicts the 83C795’s functionality.
2.0
FEATURES
T he bas ic features of the 83C795 chip are
s ummarized here:
• Memory caching with time-shared access to
buffer RAM.
• CompliantwiththeISAPlugAndPlayspecification
• Software compatible with 83C790 drivers
• Direct interface with ISA bus without TTL buffers
• I/O-mapped pipe access to buffer RAM
• Extended length option for the twisted-pair port
• Underrun detection in early receive mode
• Staggered address transfers supported
• Ring-empty bit supplied to host
• Automatic ring-wrapping
• PC-98 bus support through addition of a jumper
• Buffered 20 MHz clock output available through
addition of a jumper
• Support for diskless workstations via Initial
Program Load ROM
• Programmable base address and window size
for buffer memory and IPL ROM
• Support for paging of buffer memory and IPL
ROM
• Programmable I/O base address
• Programmable bus width of either 8 or 16 bits
• Zero wait state operation
• Automatic loading of host interface
configuration and LAN address from external
serial EEPROM
• Separate address and data busses to memory
with no external address latches
• 7 programmable interrupt levels
• Clock oscillator
• Full 802.3 MAC layer protocol implementation
with extended features
• Support for transmission and reception of
frames up to 32K bytes long
• Transmit frame start at any location - no word
alignment required
• Two modes of frame buffering: 83C690 mode
and descriptor table mode
• Loopback modes - internal and external
• Full-duplex DMA capability in loopback mode
• Built-in AUI serial interface including drivers and
receivers
GENERAL DESCRIPTION
83C795
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com