Electronic Components Datasheet Search
  English  ▼

X  

83C795 Datasheet(PDF) 49 Page - SMSC Corporation

Part # 83C795
Description  Ethernet System Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

83C795 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button 83C795 Datasheet HTML 45Page - SMSC Corporation 83C795 Datasheet HTML 46Page - SMSC Corporation 83C795 Datasheet HTML 47Page - SMSC Corporation 83C795 Datasheet HTML 48Page - SMSC Corporation 83C795 Datasheet HTML 49Page - SMSC Corporation 83C795 Datasheet HTML 50Page - SMSC Corporation 83C795 Datasheet HTML 51Page - SMSC Corporation 83C795 Datasheet HTML 52Page - SMSC Corporation 83C795 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
5.2.35 TBEGIN - Transmit Buffer Starting
Address Register
Linked-List Map R ead Port = 2:13
Linked-List Map Write Port = 0:15
T his register holds the upper 8 bits of the s tarting
address of the transmit buffer des criptor table. T he
lower 8 bits are as sumed to be zero. R efer to page
80 for more information.
BIT
TBEGIN
RESET
7
TB15
X
6
TB14
X
5
TB13
X
4
TB12
X
3
TB11
X
2
TB10
X
1
TB09
X
0
TB08
X
5.2.36 TCNTH - Transmit Frame Length High
Register
Normal Map R ead Port = 2:16 Normal Map Write
Port = 0:16
T his regis ter contains the upper 8 bits of a
two-regis ter set that holds the byte count for the
frame to be trans mitted. T his byte count mus t
include the DA, S A, and data fields . If CR C
generation is inhibited, this count mus t als o include
the CR C field in the buffer.
BIT
TCNTH
RESET
7
L15
X
6
L14
X
5
L13
X
4
L12
X
3L11
X
2
L10
X
1
L09
X
0
L08
X
5.2.37 TCNTL - Transmit Frame Length Low
Register
Normal Map R ead Port = 2:13 Normal Map Write
Port = 0:15
T his regis ter contains the lower 8 bits of a
two-regis ter set that holds the byte count for the
frame to be trans mitted. T his byte count mus t
include the DA, S A, and data fields . If CR C
generation is inhibited, this count mus t als o include
the CR C field in the buffer.
BIT
TCNTL
RESET
7
L07
X
6
L06
X
5
L05
X
4
L04
X
3
L03
X
2
L02
X
1
L01
X
0
L00
X
5.2.38 TCON - Transmit Configuration
Register
Normal Map R ead Port = 2:1D Normal Map Write
Port = 0:1D
Linked-List MapR eadPort = 2:1D Linked-List Map
Write Port = 0:1D
T his regis ter controls loopback options and
trans mitter mode operations .
BIT
TCON
RESET
70
0
60
0
50
0
40
0
30
0
2
LB1
0
1
LB0
0
0
CRCN
0
Bits 2-1: LB1, LB0, Loopback Test Selection
T hes etwobits aredecodedas s hown in Table5-12.
83C795
ETHERNET SYSTEM CONTROLLER REGISTERS
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com