Electronic Components Datasheet Search
  English  ▼

X  

83C795 Datasheet(PDF) 46 Page - SMSC Corporation

Part # 83C795
Description  Ethernet System Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

83C795 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button 83C795 Datasheet HTML 42Page - SMSC Corporation 83C795 Datasheet HTML 43Page - SMSC Corporation 83C795 Datasheet HTML 44Page - SMSC Corporation 83C795 Datasheet HTML 45Page - SMSC Corporation 83C795 Datasheet HTML 46Page - SMSC Corporation 83C795 Datasheet HTML 47Page - SMSC Corporation 83C795 Datasheet HTML 48Page - SMSC Corporation 83C795 Datasheet HTML 49Page - SMSC Corporation 83C795 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 136 page
background image
5.2.27 RSTART - Receive Start Page Register
Normal Map R ead Port = 2:11 Normal Map Write
Port = 0:11
R eceiveS tart Pageregis ter points tothestart of the
receive buffer ring. Only A08-A15 are s pecified
s i nce al l buffer s ar e aligned on 256-byte
boundaries . R efer to page 88 for more information.
BIT
RSTART
RESET
7
A15
X
6
A14
X
5
A13
X
4
A12
X
3A11
X
2
A10
X
1
A09
X
0
A08
X
5.2.28 RSTAT - Receive Packet Status
Register
Normal Map R ead Port = 0:1C Linked-Lis t Map
Read Port = 0:1C
T his regis ter reports the s tatus of the mos t-recently
receivedpacket. It categorizes any errors that were
detected and reports on the type of addres s
recognized. All bits are cleared at the s tart of
reception except for DIS .
BIT
RSTAT
RESET
7
DRF
0
6DIS
0
5
GROUP
0
4MPA
0
3
OVER
0
2FAE
0
1
CRC
0
0
PRX
0
Bit 7: DFR, Deferring IGSM
T his bit is s et when the Interframe Gap S tate Ma-
chine (IGS M) is deferring. If the transceiver has
as serted the CD line as a result of jabber, this bit
will stay set indicating the jabber condition.
Bit 6: DIS, Receiver Disabled
T his bit is s et when the receiver is in Monitor Mode.
It is cleared when the receiver leaves Monitor
Mode.
Bit 5: GROUP, Group Address Recognized
T his bit is s et when the recognized addres s was
either a group addres s (multicas t) or broadcas t. It
is cleared to indicate an individual (physical) ad-
dress match.
Bit 4: MPA, Missed Packet
T his bit is s et when apacket intendedfor this s tation
cannot be accepted by the device due to a lack of
receive buffers or becaus e the device is in monitor
mode. T he Mis s ed Packet Counter (MPCNT ) is
als o incremented when this occurs .
Bit 3: OVER, FIFO Overrun
T his bit is s et when the receiver attempts to write
intoaF IF Othat is already full. T his occurs when the
DMA fails to keep up with the received data.
Bit 2: FAE, Frame Alignment Error
When FAE = 1, it indicates that theincomingpacket
did not end on a byte boundary and the CR C did
not match at the las t byte boundary. T he Alignment
E rror Counter is incremented when this condition
occurs.
Bit 1: CRC, CRC Error
When this bit is s et, it indicates that the frame’s
computed CR C failed to corres pond with the CR C
appended to the end of the frame. T his error also
caus es the CR C Counter to be incremented.
Bit 0: PRX, Packet Received Intact
When set to ’1’, this bit indicates that a packet was
receivedwithout error. T his means that CR C = FAE
= OVE R = MPA = 0.
ETHERNET SYSTEM CONTROLLER REGISTERS
83C795
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com