Electronic Components Datasheet Search
  English  ▼

X  

83C795 Datasheet(PDF) 73 Page - SMSC Corporation

Part # 83C795
Description  Ethernet System Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

83C795 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button 83C795 Datasheet HTML 69Page - SMSC Corporation 83C795 Datasheet HTML 70Page - SMSC Corporation 83C795 Datasheet HTML 71Page - SMSC Corporation 83C795 Datasheet HTML 72Page - SMSC Corporation 83C795 Datasheet HTML 73Page - SMSC Corporation 83C795 Datasheet HTML 74Page - SMSC Corporation 83C795 Datasheet HTML 75Page - SMSC Corporation 83C795 Datasheet HTML 76Page - SMSC Corporation 83C795 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 136 page
background image
regis ter map shown in Table 6-7 changes when the
adapter is run in I/O-mapped mode (s ee s ection
6.8.6). Als o, when the R OM s pace is dis abled
(when BIO.4 and BIO.5 are both s et), the R OM
configuration regis ters become read-only and
always read zeros .
T here are 22-bits of information in the P nP
configuration regis ters that are us edfor configuring
the 83C795. T hese bits are s hifted from the PnP
s ection to the 83C795 section whenever the chipis
activated. T he s ame bits are s hifted from the
83C795 s ection back to the PnP s ection at the end
of the initial E E R OM load (to get the default values
into the PnP regis ters ). S ome of thes e bits may
have to be remapped before they are s hifted so as
to match the formats of the two different regis ter
Address
Function
Name
READ_DATA PORT ADDRESS
Resource String
Number
Secondary
Address
00
01
0 - 7
02
8
03
9 - N
04
N + 1
05
06
07
N + 2
30
31
40
41
42
43
44
48
49
4A
4B
4C
60
61
70
71
SERIAL ISOLATION
CONFIGURATION CONTROL
WAKE (CSN)
RESOURCE DATA
STATUS
CARD SELECT NUMBER
(CSN)
LOGICAL DEVICE NUMBER
ACTIVATE
I/O RANGE CHECK
RAM BASE ADDRESS [23-16]
RAM BASE ADDRESS [15-08]
ROM BASE ADDRESS [23-16]
RAM RANGE LENGTH [15-08]
ROM BASE ADDRESS [15-08]
RAM CONTROL
RAM RANGE LENGTH [23-16]
ROM CONTROL
ROM RANGE LENGTH [23-16]
ROM RANGE LENGTH [15-08]
I/O BASE ADDRESS [15-08]
I/O BASE ADDRESS [07-00]
IRQ NUMBER
IRQ TYPE
Serial ID
Checksum
Resource Data
End Tag
Checksum
Item
ADDRESS
WRITE_DATA
READ_DATA
0x0279
0x0A79
0x0200 -
0x03FF
ISA ADDRESS SPACE
EEROM CONTENTS
PNP SECONDARY ADDRESS SPACE
FIGURE 6-8. PLUG AND PLAY CONFIGURATION REGISTERS
83C795
HOST INTERFACE SECTION
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com