Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet
LT8638-2
analog.com
Rev.0
9 of 35
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. 12VIN to 5VOUT Efficiency vs. Frequency
Figure 5. 12VIN to 3.3VOUT Efficiency vs. Frequency
Figure 6. Efficiency at 5VOUT
Figure 7. Efficiency at 3.3VOUT
Figure 8. Light Load Efficiency at 5VOUT
Figure 9. Light Load Efficiency at 3.3VOUT
FC MODE
EFFICIENCY
POWER LOSS
L = XGL6060
400kHz, L = 2.2µH
1MHz, L = 1µH
2MHz, L = 0.68µH
LOAD CURRENT (A)
1
2
3
4
5
6
7
8
9
10
65
70
75
80
85
90
95
100
0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
LOAD CURRENT (A)
1
2
3
4
5
6
7
8
9
10
65
70
75
80
85
90
95
100
0
0.7
1.4
2.1
2.8
3.5
4.2
4.9
FC MODE
EFFICIENCY
POWER LOSS
L = XGL6060
400kHz, L = 2.2µH
1MHz, L = 1µH
2MHz, L = 0.68µH
fSW = 400kHz, L= XGL6060, 2.2µH
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
1
2
3
4
5
6
7
8
9
10
65
70
75
80
85
90
95
100
0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
FC MODE
EFFICIENCY
POWER LOSS
LOAD CURRENT (A)
1
2
3
4
5
6
7
8
9
10
65
70
75
80
85
90
95
100
0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
fSW = 400kHz, L = XGL6060, 2.2µH
VIN = 12V
VIN = 24V
VIN = 36V
FC MODE
EFFICIENCY
POWER LOSS
fSW = 400kHz
L = XGL6060, 2.2µH
Burst Mode OPERATION
LOAD CURRENT (mA)
0.1
1
10
100
1000
10000
10
20
30
40
50
60
70
80
90
100
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
fSW = 400kHz
L = XGL6060, 2.2µH
Burst Mode OPERATION
VIN = 12V
VIN = 24V
VIN = 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com