Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Data Sheet
LT8638-2
analog.com
Rev.0
19 of 35
Figure 45. SW Frequency vs. Load Information in Burst Mode Operation
To achieve higher light load efficiency, more energy must be delivered to the output during the single small pulses
in Burst Mode operation such that the LT8638-2 can stay in sleep mode longer between each pulse. This can be
achieved using a larger value inductor (that is, 4.7µH), and should be considered independent of switching frequency
when choosing an inductor. For example, while a lower inductor value is typically used for a high switching frequency
application, if high light load efficiency is desired, a higher inductor value should be chosen. See the curve in Typical
Performance Characteristics.
While in Burst Mode operation, the current limit of the top switch is approximately 2A (as shown in Figure 46),
resulting in low output voltage ripple. Increasing the output capacitance decreases output ripple proportionally. As
load ramps upward from zero, the switching frequency increases, but only up to the switching frequency
programmed by the resistor at the RT pin, as shown in Figure 45.
Figure 46. Burst Mode Operation
The output load at which the LT8638-2 reaches the programmed frequency varies based on input voltage, output
voltage, and inductor choice. To select low ripple Burst Mode operation, tie the SYNC/MODE pin below 0.7V (this can
be ground or a logic low output).
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
0
200
400
600
800
1000
1200
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 10mA
Burst Mode OPERATION
20µs/DIV
IL
1A/DIV
VSW
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com