Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8640 Datasheet HTML 25Page - Analog Devices LT8640 Datasheet HTML 26Page - Analog Devices LT8640 Datasheet HTML 27Page - Analog Devices LT8640 Datasheet HTML 28Page - Analog Devices LT8640 Datasheet HTML 29Page - Analog Devices LT8640 Datasheet HTML 30Page - Analog Devices LT8640 Datasheet HTML 31Page - Analog Devices LT8640 Datasheet HTML 32Page - Analog Devices LT8640 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet
LT8638-2
analog.com
Rev.0
29 of 35
The LT8638-2’s internal power switches are capable of safely delivering up to 12A of peak output current. However,
due to thermal limits, the package can only handle 12A loads for short periods of time. This time is determined by
how quickly the case temperature approaches the maximum junction rating. Figure 52 shows an example of how
case temperature rise changes with the duty cycle of a 1kHz pulsed 12A load.
Figure 52. Case Temperature Rise vs. 12A Pulsed Load
The LT8638-2 device’s top switch current limit decreases with higher duty cycle operation for slope compensation.
This also limits the peak output current the LT8638-2 can deliver for a given application. See the curve in Typical
Performance Characteristics.
TYPICAL APPLICATIONS
Figure 53. 400kHz 5V 10A Step-Down Converter with Soft-Start and Power Good
DC2929A DEMO BOARD
VIN = 12V
VOUT = 3.3V
fSW = 2MHz
STANDBY LOAD = 0.25A
1kHz PULSED LOAD = 12A
DUTY CYCLE OF 12A LOAD
0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
90
100
LT8638-2
SW
BIAS
FB
VIN
5.4V TO 42V
GND
RT
VIN
GND
VIN
GND
VOUT
5V
10A
47µF
×3
1210
X5R/X7R
33pF
4.7µF
1µF
0603
BST
1μF
105kΩ
100kΩ
13.7kΩ
3.3µH
0.1µF
fSW = 400kHz
L: XAL1010
SS
10nF
PG
SYNC/MODE
CLKOUT
INTVCC
100kΩ
PHMODE
VC
1µF
0603
820pF
9.31kΩ
EN/UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com