Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Data Sheet
LT8638-2
analog.com
Rev.0
16 of 35
BLOCK DIAGRAM
Figure 43. Block Diagram
THEORY OF OPERATION
The LT8638-2 is a monolithic, constant frequency, current mode step-down DC/DC converter. An oscillator, with
frequency set using a resistor on the RT pin, turns on the internal top power switch at the beginning of each clock
cycle. Current in the inductor then increases until the top switch current comparator trips and turns off the top power
switch. The peak inductor current at which the top switch turns off is controlled by the voltage on the internal VC
node. The error amplifier servos the VC node by comparing the voltage on the VFB pin with an internal 0.6V reference.
When the load current increases, it causes a reduction in the feedback voltage relative to the reference leading the
error amplifier to raise the VC voltage until the average inductor current matches the new load current. When the top
power switch turns off, the synchronous power switch turns on until the next clock cycle begins or in Burst Mode
operation, inductor current falls to zero. If overload conditions result in more than 15.5A flowing through the bottom
switch, the next clock cycle is delayed until switch current returns to a safe level.
If the EN/UV pin is low, the LT8638-2 is shut down and draws approximately 6µA from the input. When the EN/UV pin
is above 0.98V, the switching regulator becomes active.
+
+
–
SLOPE COMP
INTERNAL 0.6V REF
OSCILLATOR
200kHz TO 3MHz
BURST
DETECT
3.4V
REG
M1
M2
COUT
VOUT
SW
5 TO 8
L
BST
SWITCH
LOGIC
AND
ANTI-SHOOT
THROUGH
ERROR
AMP
SHDN
±7.75%
SHDN
THERMAL SHDN
INTVCC UVLO
VIN UVLO
SHDN
THERMAL SHDN
VIN UVLO
EN/UV
0.98V
+
–
21
4
INTVCC
3
BIAS
2
VIN
17 TO 18
GND
9 TO 14, 20,
29 TO 32
CLKOUT
PHMODE
PG
25
FB
R1
CPL
R3
OPT
R4
OPT
R2
RT
CSS
OPT
VOUT
28
SS
2µA
27
RT
22
SYNC/MODE
24
VIN
15 TO 16
VIN
CIN1
CIN3
23
CIN2
CVCC
CBST
INTVCC
60kΩ
600kΩ
INTVCC
INTVCC
60kΩ
600kΩ
26
CC
VC
RC
CF
1
PLL
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com