Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 3 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Data Sheet
LT8638-2
analog.com
Rev.0
3 of 35
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages
are referenced to GND, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
VIN
fSW = 2MHz
2.6
2.8
V
VIN Quiescent Current in
Shutdown
IQ(SHDN)
VEN/UV = 0V, VIN = 12V, TA = +25°C
6
9
µA
VIN Quiescent Current in
Sleep
IQ
VEN/UV= 2V, VFB> 0.6V, VSYNC= 0V, VBIAS=
0V, TA = +25°C
125
195
µA
VEN/UV = 2V, VFB> 0.6V, VSYNC = 0V, VBIAS =
0V
125
245
VEN/UV = 2V, VFB > 0.6V, VSYNC = 0V, VBIAS =
5V, TA = +25°C
20
29
BIAS Quiescent Current
in Sleep
IQ(BIAS)
VEN/UV= 2V, VFB > 0.6V, VSYNC = 0V, VBIAS =
5V, TA = +25°C
100
145
µA
Feedback Reference
Voltage
VFB
VIN = 12V, TA = +25°C
0.598
0.6
0.602
V
VIN= 12V
0.594
0.6
0.604
Feedback Voltage Line
Regulation
ΔVFB(LINE)
VIN = 4.0V to 40V, VC = 1.25V
0.004
0.03
%/V
Feedback Pin Input
Current
IFB
VFB = 0.6V, TA = +25°C
-20
20
nA
Error Amp
Transconductance
gm(EA)
VC = 1.25V, TA = +25°C
1.05
1.4
1.75
mS
Error Amp Gain
AV
700
VC Source Current
IVC
VFB= 0.4V, VC = 1.25V
320
µA
VC Sink Current
IVC
VFB = 0.8V, VC = 1.25V
320
µA
VC Pin to Switch Current
Gain
GM
12
A/V
VC Clamp Voltage
VC_MAX
2.3
V
BIAS Pin Current
Consumption
IBIAS
VBIAS= 3.3V, fSW = 2MHz, VIN = 12V
45
mA
Minimum On-Time
tON(MIN)
ILOAD = 3A, FCM
25
40
ns
Minimum Off-Time
tOFF(MIN)
TA = +25°C
80
100
ns
Oscillator Frequency
fsw
RT = 226k
170
200
230
kHz
RT = 38.3k
0.96
1
1.04
MHz
RT = 16.9k
1.85
2
2.15
Top Power NMOS On-
Resistance
RTOP
ISW = 1A
20
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com