Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Data Sheet
LT8638-2
analog.com
Rev.0
13 of 35
Figure 28. PG Thresholds Below VREF
Figure 29. RT Programmed Switching Frequency
Figure 30. Minimum Input Voltage
Figure 31. Bias Pin Current vs. Input Voltage
Figure 32. Bias Pin Current vs. Switching Frequency
Figure 33. Case Temperature Rise
–9.5
–9.0
–8.5
–8.0
–7.5
–7.0
–6.5
–6.0
FB RISING
FB FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
fSW = 2MHz
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
fSW = 2MHz
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
INPUT VOLTAGE (V)
5
10
15
20
25
30
35
40
17
18
19
20
21
22
23
24
VBIAS = 5V
VOUT = 5V
fSW = 1MHz
FC MODE
IOUT = 0A
IOUT = 1A
VIN = 12V
VOUT = 5V
VBIAS = 5V
FC MODE
SWITCHING FREQUENCY (MHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
6
12
18
24
30
36
42
48
54
60
IOUT = 0A
IOUT = 1A
DEMO BOARD ON STILL AIR
L = XEL6060, XEL6030
VOUT = 3.3V
VIN = 12V, fSW = 400kHz, L = 2.2µH
VIN = 24V, fSW = 400kHz, L = 2.2µH
VIN = 12V, fSW = 2MHz, L = 0.47µH
VIN = 24V, fSW = 2MHz, L = 0.47µH
LOAD CURRENT (A)
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com