Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Data Sheet
LT8638-2
analog.com
Rev.0
20 of 35
Forced Continuous Mode
The LT8638-2 can operate in forced continuous mode (FCM) for fast transient response and full frequency operation
over a wide load range. When in FCM, the oscillator operates continuously and positive SW transitions are aligned to
the clock. Negative inductor current is allowed at light loads or under large transient conditions. The LT8638-2 can
sink current from the output and return this charge to the input in this mode, improving load step transient response
(see Figure 47). At light loads, FCM operation is less efficient than Burst Mode operation, but may be desirable in
applications where it is necessary to keep switching harmonics out of the signal band. FCM must be used if the output
is required to sink current. To enable FCM, float the SYNC/MODE pin. Leakage current on this pin should be <1μA. See
Block Diagram for internal pull-up and pull-down resistance.
Figure 47. LT8638-2 Load Step Transient Response with and without Forced Continuous Mode
FCM is disabled if the VIN pin is held above 37V or if the FB pin is held greater than 7.75% above the feedback reference
voltage. FCM is also disabled during soft-start until the soft-start capacitor is fully charged. When FCM is disabled in
these ways, negative inductor current is not allowed, and the LT8638-2 operates in pulse-skipping mode.
Spread Spectrum Mode
The LT8638-2 features spread spectrum operation to further reduce EMI emissions. To enable spread spectrum
operation, the SYNC/MODE pin should be tied high to INTVCC (or >3V). In this mode, triangular frequency modulation
is used to vary the switching frequency between the value programmed by RT to approximately 24% higher than that
value. The modulation frequency is approximately 3kHz. For example, when the LT8638-2 is programmed to 2MHz,
the frequency varies from 2MHz to approximately 2.5MHz at a 3kHz rate. When spread spectrum operation is
selected, Burst Mode operation is disabled, and the part runs in forced continuous mode.
Synchronization
To synchronize the LT8638-2 oscillator to an external frequency, connect a square wave to the SYNC/MODE pin. The
square wave amplitude should have valleys below 0.7V and peaks above 1.5V (up to 6V), with a minimum on-time
and off-time of 50ns
The LT8638-2 does not enter Burst Mode operation at low output loads while synchronized to an external clock, but
instead runs forced continuous mode to maintain regulation. The LT8638-2 may be synchronized over a 200kHz to
3MHz range. The RT resistor should be chosen to set the LT8638-2 switching frequency equal to or below the lowest
synchronization input. For example, if the synchronization signal is 500kHz and higher, the RT should be selected for
FRONT PAGE APPLICATION
100mA TO 5.1A TRANSIENT
12VIN, 5VOUT, fSW = 1MHz
CC = 220pF, RF = 12.1kΩ
COUT = 47µF, CLEAD = 15pF
50µs/DIV
ILOAD
5A/DIV
VOUT
100mV/DIV
FCM
Burst Mode OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com