Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices LT8640 Datasheet HTML 25Page - Analog Devices LT8640 Datasheet HTML 26Page - Analog Devices LT8640 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet
LT8638-2
analog.com
Rev.0
23 of 35
IL(PEAK) = ILOAD(MAX) +
1
2
∆IL
(6)
where, ∆IL is the inductor ripple current as calculated in Equation 8 and ILOAD(MAX) is the maximum output load for a
given application.
As a quick example, an application requiring 3A output should use an inductor with an RMS rating of greater than 3A
and an ISAT of greater than 4A. During long duration overload or short-circuit conditions, the inductor RMS rating
requirement is greater to avoid overheating of the inductor. To keep the efficiency high, the series resistance (DCR)
should be less than 8mΩ, and the core material should be intended for high frequency applications.
The LT8638-2 limits the peak switch current to protect the switches and the system from overload faults. The top
switch current limit (ILIM) is 20A at low duty cycles and decreases linearly to 15A at DC = 0.8. The inductor value must
then be sufficient to supply the desired maximum output current (IOUT(MAX)), which is a function of the switch current
limit (ILIM) and the ripple current (Equation 7).
IOUT(MAX) = ILIM −
∆IL
2
(7)
The peak-to-peak ripple current in the inductor can be calculated using Equation 8.
∆IL =
VOUT
L × fSW
× (1 −
VOUT
VIN(MAX)
)
(8)
where, fSW is the switching frequency of the LT8638-S, and L is the value of the inductor.
Therefore, the maximum output current the LT8638-2 delivers depends on the switch current limit, inductor value,
and input and output voltages. The inductor value may have to be increased if the inductor ripple current does not
allow sufficient maximum output current (IOUT(MAX)) given the switching frequency, and maximum input voltage used
in the desired application.
To achieve higher light load efficiency, more energy must be delivered to the output during the single small pulses
in Burst Mode operation such that the LT8638-2 can stay in sleep mode longer between each pulse. This can be
achieved using a larger value inductor (that is, 4.7µH), and should be considered independent of switching frequency
when choosing an inductor. For example, while a lower inductor value is typically used for a high switching frequency
application, if high light load efficiency is desired, a higher inductor value should be chosen. See the curve in Typical
Performance Characteristics.
The optimum inductor for a given application may differ from the one indicated by this design guide. A larger value
inductor provides a higher maximum load current and reduces the output voltage ripple. For applications requiring
smaller load currents, the value of the inductor may be lower and the LT8638-2 may operate with higher ripple
current. This allows the use of a physically smaller inductor, or one with a lower DCR resulting in higher efficiency.
Be aware that low inductance may result in discontinuous mode operation, which further reduces maximum load
current.
For more information about maximum output current and discontinuous operation, refer to application note 44.
For duty cycles greater than 50% (VOUT/VIN > 0.5), a minimum inductance is required to avoid subharmonic oscillation
(Equation 9). Refer to application note 19 for more details.
LMIN =
VIN(2 × DC − 1)
5 × fSW
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com