Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 2 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Data Sheet
LT8638-2
analog.com
Rev.0
2 of 35
TABLE OF CONTENTS
Features...................................................................................1
Applications ............................................................................1
General Description................................................................1
Simplified Application Diagram.............................................1
Revision History ......................................................................2
Specifications..........................................................................3
Absolute Maximum Ratings ...................................................5
Pin Configurations and Function Descriptions.....................6
Typical Performance Characteristics ....................................9
BLOCK DIAGRAM ...................................................................16
Theory of Operation .............................................................16
Applications Information .....................................................17
Low EMI PCB Layout.........................................................17
Burst Mode Operation......................................................18
Forced Continuous Mode.................................................20
Spread Spectrum Mode ...................................................20
Synchronization ...............................................................20
FB Resistor Network.........................................................21
Setting the Switching Frequency....................................21
Operating Frequency Selection and Trade-Offs ............22
Inductor Selection and Maximum Output Current........22
Input Capacitors ..............................................................24
Output Capacitor and Output Ripple .............................24
Ceramic Capacitors..........................................................24
Enable Pin.........................................................................25
INTVCC Regulator ..............................................................25
Frequency Compensation...............................................25
Output Voltage Tracking and Soft-Start.........................26
Multiphase Operation......................................................27
Output Power Good.........................................................27
Shorted and Reversed Input Protection ........................27
Thermal Considerations and Peak Output Current.......28
TYPICAL APPLICATIONS .......................................................29
PACKAGE DESCRIPTION.......................................................32
RELATED PARTS....................................................................32
Ordering Guide .....................................................................34
REVISION HISTORY
10/2023 - Rev.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com