Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  EL7 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Datasheet of EL7 Series
2
www.leadshine.com
Configurable output signals
under EtherCAT mode:
1. Alarm (ALM)
2. Servo ready (SRDY)
3. External brake off (BRK-OFF)
4. Positioning completed (INP)
5. Velocity at arrival (AT-SPEED)
6. Torque limiting command (TLC)
7. Zero speed position (ZSP)
8. Velocity coincidence (V-COIN)
9. Position command (P-CMD)
10. Velocity limit (V-LIMIT)
11. Velocity command (V-CMD)
12. Servo enabled (SRV-ST)
13. Homing done (HOME-OK)
Encoder Output
Encoder ABZ differential pulse output
Probe Input
2 high speed probe inputs: EXT1+/EXT1-, EXT2+/EXT2-
Communication
Port
USB mini
Modbus USB2.0 (No need to connect driver to power supply)
EtherCAT
EtherCAT,Communication up to 128 axes to a host
Software
Driver tuning through Motion Studio Ver. 1.4.x. Parameters tuning in current
loop, position loop, velocity loop; Modify I/O signal and motor parameters;
Variables(velocity, position deviation, etc.) monitoring using step diagrams
Driver Front Panel
5 push buttons and 8-segments display
Holding brake
Built-in (Supports external brake)
Safety Protection
Overcurrent. Overvoltage. Undervoltage. Overheat. Overload. Overtravel.
Single-Phasing. Regenerative resistor error. Position deviation error.
Encoder feedback error. Excessive braking rate. EEPROM error
Safe Torque Off (STO) function
Available for all EL7EC-F series products
Environment
Temperature
Storage: -20-80℃ (Condensation free);
Installation: 0-55℃ (Not frozen)
Humidity
Under 90%RH (Condensation free)
Altitude
Up to 1000m above sea level
Vibration
Less than 0.5G (4.9m/s2) 10-60Hz (non-continuous working)
IP ratings
IP20
Servo Drive Features
Inertia ratio determination
Simple online and offline inertia ratio determination to simplify servo drive tuning.
Control mode switching
Position/Velocity/Torque mode can be switched easily by delivering an I/O signal.
Auto gain adjustment
Measure real time mechanical stiffness and set gain values automatically.
Gain switching
Automatically switch gain to suppress vibration, shorten positioning time and improve following behavior.
Feedforward gain
Reduce position deviation and increase system responsiveness. Including velocity and torque feedforward.
Vibration Suppression
Suppress mechanical resonance and mechanical end vibration by applying filters.
Model following control
Reference model to improve responsiveness to command and closed loop control to increase responsiveness towards
interference.
Friction compensation
Compensate for changes in load to reduce the effect of friction on motion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com