Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 5 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 5 Page - Leadshine Technology Co., Ltd.

  EL7 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Datasheet of EL7 Series
5
www.leadshine.com
USB mini Communication Port
Parameters tuning on Motion Studio can be done without connecting main power supply to driver.
Connector Port
Pin
Signal
Description
USB mini
1
VCC5V
Power supply 5V
2
D+
USB data positive terminal
3
D-
USB data negative terminal
4
--
--
5
GND
Power supply ground
Frame
USB_GN
D
Ground through capacitor
CN3/CN4 EtherCAT Communication Port
Port
Pin
Signal
Description
1, 9
E_TX+
EtherCAT Data sending
positive terminal
2, 10
E_TX-
EtherCAT Data sending
negative terminal
3, 11
E_RX+
EtherCAT Data receiving
positive terminal
4, 12
--
--
5, 13
--
--
6, 14
E_RX-
EtherCAT Data receiving
negative terminal
7, 15
--
--
8, 16
--
--
Frame
PE
Shielded ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com