Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 13 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 13 Page - Leadshine Technology Co., Ltd.

Back Button EL7 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 10Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 11Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 12Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 13Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 14Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 15Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 16Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 17Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Datasheet of EL7 Series
13
www.leadshine.com
Servo Motor Dimension
ELM SERIES 130 BASE MOTOR (850W/1300W/1800W)
380V
Model no.
LL
LC
LR
LA
LZ
LH
LG
LE
LJ
S
LB
TP
LK
KH
KW
W
T
ELM2H-0850LD
130FT-H
147
130
57
145
8.5
106
17.5
6
0.5
19
110
M5×12
30
16
5
5
5
ELM2H-0850LD
130ET-H
172
130
57
145
8.5
106
17.5
6
0.5
19
110
M5×12
30
16
5
5
5
ELM2H-1300LD
130FT-H
168
130
57
145
8.5
106
17.5
6
0.5
22
110
M5×12
30
18.5
6
6
6
ELM2H-1300LD
130ET-H
192
130
57
145
8.5
106
17.5
6
0.5
22
110
M5×12
30
18.5
6
6
6
ELM2H-1800LD
130FT-H
195
130
57
145
8.5
106
17.5
6
0.5
24
110
M5×12
30
19
8
8
8
ELM2H-1800LD
130ET-H
219
130
57
145
8.5
106
17.5
6
0.5
24
110
M5×12
30
19
8
8
8
Shaft end with
and without key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com