Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 10 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 10 Page - Leadshine Technology Co., Ltd.

Back Button EL7 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 10Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 11Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 12Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 13Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 14Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Datasheet of EL7 Series
10
www.leadshine.com
Ports
CN1 – Control signal port
Port
Pin
Signal
Explanation
CN1
1
EXT1+
Probe 1 input positive terminal
2
EXT2+
Probe 2 input negative terminal
3
-
-
4
-
-
5
EXT1-
Probe 1 input positive terminal
6
EXT2-
Probe 2 input negative terminal
7
DICOM
DI common terminal
Configurable
Recommended voltage:
12Vdc – 24Vdc
9
DI1
DI signal 1
11
DI2
DI signal 2
13
DI3
DI signal 3
15
DI4
DI signal 4
8
DO1
Single ended DO signal 1
Configurable
Recommended voltage:
12Vdc – 24Vdc, max 30V
Recommended current:
10mA, max 50mA
10
DO2
Single ended DO signal 2
12
DO3
+
Differential double-ended
DO signal 3
14
DO3
-
16
DOCOM
DO common terminal
17
AI2 +
AI 2 positive terminal
Differential
Input current:
-10Vdc - +10Vdc
Input resistance: 20k
Ω
19
AI2 -
AI 2 negative terminal
18
AI1 +
AI 1 positive terminal
20
AI1 -
AI 1 negative terminal
CN2 – Encoder input port
Port
Pin
Signal
Explanation
CN2
1
VCC5V
Power supply 5V
2
GND
Power supply ground
3
BAT+
Battery positive terminal
4
BAT-
Battery negative terminal
5
SD+
SSI Data+
6
SD-
SSI Data-
Frame
PE
Shield grounding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com