Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 12 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 12 Page - Leadshine Technology Co., Ltd.

Back Button EL7 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 10Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 11Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 12Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 13Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 14Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 15Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 16Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Datasheet of EL7 Series
12
www.leadshine.com
USB Mini Communication Port
Port
Pin
Signal
Explanation
USB
1
VCC5V
Power supply positive terminal 5V
2
D+
USB data +
3
D-
USB data -
4
-
-
5
GND
Power supply negative terminal
Frame
USB_GND
Ground
Main Circuit Port
Port
Pin
Signal
Explanation
Remarks
Main
Circuit
Port
L1C
N
PE
B2
W
U
V
P+
L2C
B1
L1C
B2
B1
W
P+
N2
N1
U
L2C
V
R
S
T
L1C
Control circuit power
supply L1
Single phase AC 380V~440V,
-15%~+10%, 50/60Hz
①Isolationtransformercanbeusedforpower
supply;
②In case of serious interference, it is
recommended to use line filter for power supply;
③It is recommended to installa non-fusible
circuit breaker to cut off external power supply
in time when the drive fails.
L2C
Control circuit power
supply L2
R
Main power supply
R terminal
Three phase AC 380V~440V,
-15%~+10%, 50/60Hz
S
Main power supply
S terminal
T
Main power supply T
terminal
P+
DC bus + terminal
drive DC bus + terminal
External regenerative resistor P
terminal
①Built-inregenerativeresistor,connectB1and
B2;
②Externalregenerativeresistor,disconnectB1
and B2; Connect external regenerative resistor
between N1 and N2.
B1
Built-in regenerative
resistor terminal
Built-in
regenerative
resistor
terminal
B2
Built-in/ External
regenerative resistor
terminal
Built-in/
External
regenerative
resistor terminal
N2
DC bus - terminal
Internal
DC
bus
negative
terminal
N1 is usually connected to N2. Connect to a DC
reactor when suppression of higher harmonics
from power supply is needed.
N1
N
Don't connect anything to N.
U
U terminal
3 phase motor power supply
①Connect driver’s UVW to corresponding
terminals on motor.
②Connectthedrivetothegroundterminal(PE)
of the motor and connect it to the earth
V
V terminal
W
W terminal
PE
PE
Frame ground
Size C/D
Size E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com