Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 21 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 21 Page - Leadshine Technology Co., Ltd.

Back Button EL7 Datasheet HTML 17Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 18Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 19Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 20Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 21Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 22Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 23Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 24Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 25Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Datasheet of EL7 Series
21
www.leadshine.com
CN1 - I/O Control Signal
EL7-RS Series Servo Drive uses DB 44-Pin connector.
CN1
CN1 Signals
1
15
30
16
31
44
OCZ
Function
Pin
Signal
Label
Description
Position
command
41
PULSE+
Low speed pulse
command input
Low speed pulse command input
mode:
● Differential
(5V)
● Single ended
(24V)
Low speed pulse and direction command input
mode :
PULSE+ & PULSE-:5V Differential (500KHz)
SIGN+ & SIGN-
:5V Differential (500KHz)
PULLHI & PULSE-:24V Single ended
(200KHz)
PULLHI & SIGN- :24V Single ended
(200KHz)
43
PULSE-
Low speed pulse
command input
37
SIGN+
Low speed direction
command input
39
SIGN-
Low speed direction
command input
35
PULLHI
Open collector
24V common input
38
HPULSE
+
High speed pulse
command input
4MHz High speed pulse command input ,5V
differential input
36
HPULSE-
High speed pulse
command input
42
HSIGN+
High speed direction
command input
4MHz High speed direction command input ,5V
differential input
40
HSIGN-
High speed direction
command input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com