Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  EL7 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Datasheet of EL7 Series
1
www.leadshine.com
EL7-EC Series AC Servo Drives - 220V
EL7-EC Series AC servo products 220V are high performance AC digital servo which is designed for
position/velocity/torque high accurate control with power rating ranging up to 2kW which provides a
perfect solution for different applications with easy tuning process.
EL7-EC series AC servo drives are using the latest Digital Signal Processing (DSP) chip and Intelligent
Power Module (IPM) with compact components integration and great reliability. Using the best PID
calculation for Pulse Width Modulation (PWM) control, our EL7-EC series products are the one to beat in
this product category.
Highlights:
○
1
E
A
Easy tuning
A
○
2
E
A
ETG COE + EtherCAT DSP402 communication protocol
A
○
3
E
A
Internal regenerative resistor
A
○
4
E
A
Equipped with notch filter, damping filter
A
○
5
E
A
Comes with Safe Torque Off (STO) SIL3
A
○
6
E
A
Motors automatically identified
A
○
7
E
A
Motors with holding brake
A
○
8
E
A
23-bit multiturn magnetic/optical encoder
Technical Specification
EL7-EC series
EL7-EC400F
EL7-EC750F
EL7-EC1000F
EL7-EC1500F
EL7-EC2000F
Rated power (W)
400
750
100
1500
2000
Rated Current (A)
3.5
5.5
7
Coming Soon!
Peak Current (A)
9.2
16.6
18.7
Size (mm)
40*175*156
50*175*156
Main Power Supply
Single phase AC 220V, -15%~+10%, 50/60Hz
Control Circuit Power Supply
Drive mode
IGBT PWM sinusoidal wave drive
Control mode
Position
Profile Position Mode (PP)
Cyclic Synchronous Position Mode (CSP)
Homing Mode (HM)
Velocity
Profile Velocity Mode (PV)
Cyclic Synchronous Velocity Mode (CSV)
Torque
Profile Torque Mode (PT)
Cyclic Synchronous Torque Mode (CST)
Encoder Feedback
RS485 protocol:
23-bit multiturn absolute magnetic/optical encoder
I/O
Digital Input
4 Digital Inputs (Supports NPN and PNP)
Configurable input signals
under EtherCAT mode:
1. Clear Alarm (A-CLR)
2. Positive limit switch (POT)
3. Negative limit switch (NOT)
4. Homing switch (HOME-SWITCH)
5. Emergency stop (E-Stop)
Digital Output
3 Digital Outputs (2 single-ended, 1 differential)


Similar Part No. - EL7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
EL7104 INTERSIL-EL7104 Datasheet
190Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
July 6, 2006
logo
Renesas Technology Corp
EL7104 RENESAS-EL7104 Datasheet
462Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
EL7104CN INTERSIL-EL7104CN Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
More results

Similar Description - EL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PK55FG ETC2-PK55FG Datasheet
91Kb / 2P
AC/DC motor drives
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
logo
ORION FANS
PSG ORIONFANS-PSG Datasheet
5Mb / 8P
AC & EC FANS
logo
Leadshine Technology Co...
EL6-RS LEADSHINE-EL6-RS Datasheet
1Mb / 14P
EL6-RS Series AC Servo Drives – 220VAC
EL8 LEADSHINE-EL8 Datasheet
1Mb / 23P
EL8-EC Series AC Servo Drives - 220V
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
ELP Series AC Servo Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com