Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 8 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 8 Page - Leadshine Technology Co., Ltd.

Back Button EL7 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 10Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 11Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 12Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Datasheet of EL7 Series
8
www.leadshine.com
EL7-EC Series AC Servo Drives - 380V
EL7-EC Series AC Servo products are high-performing servo drivers using latest digital signal processing (DSP) chip and
intelligent power module (IPM). The series comes with highly compacted integration, small volume and great reliability. Also
highly competitive using our best PID controls for pulse width modulation (PWM).
We worked on cutting down the complexity of wiring work but at the same time also improved the motion control capability of
the servo drivers. This product series not only upgraded with better protection against communication interference, it can be
connected over longer distances.
Features:
A
○
1
E
A
Easy tuning
A
○
2
E
A
ETG COE + EtherCAT DSP402 communication protocol
A
○
3
E
A
Internal regenerative resistor
A
○
4
E
A
Equipped with notch filter, damping filter
A
○
5
E
A
Motors automatically identified
A
○
6
E
A
Motors with holding brake
A
○
7
E
A
23-bit multiturn magnetic/optical encoder
Technical Specifications
EL7-EC series
EL7-EC750FT
EL7-EC1000FT
EL7-EC1500FT
EL7-EC2000FT
EL7-EC3000FT
EL7-EC4400FT
EL7-EC5500FT
EL7-EC7500FT
Rated power(W)
750
1000
1500
2000
3000
4400
5500
7500
Rated Current
2.7
3.5
5.4
8.4
11.9
16.5
20.8
25.7
Peak Current
8.6
10.6
14.9
24.8
33.2
38.9
51.6
63.6
Size (mm)
55*175*179
80*175*179
89*250*230
Main Power Supply
Three phase AC
380V~440V,
-15%~+10%,
50/60Hz
Control Circuit Power Supply
Single phase AC
380V~440V,
-15%~+10%,
50/60Hz
Drive mode
IGBT PWM sinusoidal wave drive
Encoder Feedback
RS485 protocol:
23-bit multiturn absolute magnetic/optical encoder
I/O
Digital Input
4 Digital Inputs (Supports NPN and PNP)
Configurable input signals under EtherCAT
mode:
1. Clear Alarm (A-CLR)
2. Positive limit switch (POT)
3. Negative limit switch (NOT)
4. Homing switch (HOME-SWITCH)
5. Emergency stop (E-Stop)
Digital Output
3 Digital Outputs (2 single-ended, 1 differential)
Configurable output signals under
EtherCAT mode:
1. Alarm (ALM)
2. Servo ready (SRDY)
3. External brake off (BRK-OFF)
4. Positioning completed (INP)
5. Velocity at arrival (AT-SPEED)
6. Torque limiting command (TLC)
7. Zero speed position (ZSP)
8. Velocity coincidence (V-COIN)
9. Position command (P-CMD)
10. Velocity limit (V-LIMIT)
11. Velocity command (V-CMD)
12. Servo enabled (SRV-ST)
13. Homing done (HOME-OK)
Analog Input
2 analog inputs (differential), -10~+10Vdc
Encoder Output
Encoder ABZ differential pulse output (Only available for EL7-EC***FT series products)
Probe Input
2 high speed probe inputs: EXT1+/EXT1-, EXT2+/EXT2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com