Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 3 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 3 Page - Leadshine Technology Co., Ltd.

  EL7 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Datasheet of EL7 Series
3
www.leadshine.com
EL7-EC Servo Drive
EL7-EC 750 F
①
②
③ ④
No.
Description
① SeriesNo. EL7:Servodriveseries
② Commandsource P:Pulse+direction EC:EtherCAT
③ Powerrating 400:400W 750:750W 1000:1000W
1500: 1500W
2000: 2000W
④ Type
F: Full functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com