Electronic Components Datasheet Search
  English  ▼

X  

EL7 Datasheet(PDF) 7 Page - Leadshine Technology Co., Ltd.

Part # EL7
Description  EL7-EC Series AC Servo Drives - 220V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL7 Datasheet(HTML) 7 Page - Leadshine Technology Co., Ltd.

Back Button EL7 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 10Page - Leadshine Technology Co., Ltd. EL7 Datasheet HTML 11Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Datasheet of EL7 Series
7
www.leadshine.com
X1 Main Power Supply Port
Port
Pin
Functions
Remarks
X1
L1
Single phase 220VAC,
+10~-15%,50/60Hz
① Optional isolation transformer
② Do not connect to 380VAC directly to prevent
damage to driver.
③ In case of serious interference, it is
recommended to connect a line filter to main
power supply;
It is recommended to install a fuseless circuit
breaker to cut off power supply in time when the
driver fails.
L2
P +
①
Internal DC bus
positive terminal
②
External
regenerative
resistor P terminal
Please refer to 2.4.1 Regenerative resistor
selection and connections
Br
External regenerative
resistor terminal
N
Please do not connect
U
Motor U terminal
Please ensure proper wire connection on motor.
V
Motor V terminal
W
Motor W terminal
PE
Motor Protective Earth Please ground PE of driver and motor together



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com