Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 1 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 1 Page - Texas Instruments

  65052 Datasheet HTML 1Page - Texas Instruments 65052 Datasheet HTML 2Page - Texas Instruments 65052 Datasheet HTML 3Page - Texas Instruments 65052 Datasheet HTML 4Page - Texas Instruments 65052 Datasheet HTML 5Page - Texas Instruments 65052 Datasheet HTML 6Page - Texas Instruments 65052 Datasheet HTML 7Page - Texas Instruments 65052 Datasheet HTML 8Page - Texas Instruments 65052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS
AND 4 LOW-INPUT VOLTAGE LDOs
• Cell Phones, Smart-Phones
• Up To 95% Efficiency
• WLAN
• Output Current for DC/DC Converters:
• PDAs, Pocket PCs
–
TPS65050: 2 x 0.6 A
• OMAP™ and Low-Power TMS320™ DSP
–
TPS65051: DCDC1 = 1 A; DCDC2 = 0.6 A
Supply
–
TPS65052: DCDC1 = 1 A; DCDC2 = 0.6 A
• Samsung S3C24xx application processor
–
TPS65054: 2 x 0.6 A
Supply
–
TPS65056: DCDC1 = 1 A; DCDC2 = 0.6 A
• Portable Media Players
• Output Voltages for DC/DC Converters
–
TPS65050: Externally Adjustable
The TPS6505x are integrated Power Management
–
TPS65051: Externally Adjustable
ICs for applications powered by one Li-Ion or
–
TPS65052: DCDC1 = Fixed at 3.3 V;
Li-Polymer cell, which require multiple power rails.
DCDC2 = 1 V / 1.3 V for Samsung
The TPS6505x provides two efficient, 2.25-MHz
Application Processors
step-down converters targeted at providing the core
–
TPS65054: DCDC1 = Externally Adjustable;
voltage and I/O voltage in a processor based
DCDC2 = 1.3 V / 1.05 V for OMAP™1710
system. Both step-down converters enter a low
power mode at light load for maximum efficiency
Processor
across the widest possible range of load currents.
–
TPS65056: DCDC1 = Fixed at 3.3 V;
DCDC2 = 1 V / 1.3 V for Samsung
For low noise applications, the devices can be forced
Application Processors
into fixed frequency PWM mode by pulling the
MODE pin high. In the shutdown mode, the current
• V
I Range for DC/DC Converters
consumption is reduced to less than 1
µA. The
From 2.5 V to 6 V
devices allow the use of small inductors and
• 2.25-MHz Fixed Frequency Operation
capacitors
to
achieve
a
small
solution
size.
• Power Save Mode at Light Load Current
TPS6505x provides an output current of up to 1 A on
each DC/DC converter. The TPS6505x also integrate
• 180° Out-of-Phase Operation
two 400-mA LDO and two 200-mA LDO voltage
• Output Voltage Accuracy in PWM mode ±1%
regulators, which can be turned on/off using separate
• Low Ripple PFM Mode
enable pins on each LDO. Each LDO operates with
an input voltage range between 1.5 V and 6.5 V
• Total Typical 32-µA Quiescent Current for
allowing them to be supplied from one of the
Both DC/DC Converters
step-down converters or directly from the main
• 100% Duty Cycle for Lowest Dropout
battery.
• Two General-Purpose 400-mA, High PSRR
Four digital input pins are used to set the output
LDOs
voltage of the LDOs from a set of 16 different
• Two General-Purpose 200-mA, High PSRR
combinations for LDO1 to LDO4 on TPS65050 and
LDOs
TPS65052. In TPS65051, TPS65054 and TPS65056,
the LDO voltages are adjustable using external
• V
I range for LDOs from 1.5 V to 6.5 V
resistor dividers.
• Digital Voltage Selection for the LDOs
The TPS6505x come in a small 32-pin leadless
• Available in a 4 mm x 4 mm 32-Pin QFN
package (4 mm x 4 mm QFN) with a 0.4 mm pitch.
Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OMAP, TMS320, PowerPAD are trademarks of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 65052

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
6505 BOARDCOM-6505 Datasheet
244Kb / 6P
Flexible, Easy-to-Use Entry-Level SAN Switch for Private Cloud Storage
logo
Texas Instruments
65053 TI-65053 Datasheet
899Kb / 29P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - 65052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
November 8, 2010
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
August 15, 2011
logo
Texas Instruments
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Texas Instruments
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com