Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 30 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 30 Page - Texas Instruments

Back Button 65052 Datasheet HTML 26Page - Texas Instruments 65052 Datasheet HTML 27Page - Texas Instruments 65052 Datasheet HTML 28Page - Texas Instruments 65052 Datasheet HTML 29Page - Texas Instruments 65052 Datasheet HTML 30Page - Texas Instruments 65052 Datasheet HTML 31Page - Texas Instruments 65052 Datasheet HTML 32Page - Texas Instruments 65052 Datasheet HTML 33Page - Texas Instruments 65052 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
www.ti.com
1.2V
32ms
170 s
m
170 s
m
32ms
PB_IN
EN_DCDC1
EN_LDO1
EN_DCDC2
EN_LDO3
EN_LDO4
EN_LDO2
Vout1
Vout2
VLDO1
VLDO4
VLDO2
VLDO3
Vbat
RESET
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
LAYOUT CONSIDERATIONS (continued)
Figure 25. Power Up Timing
TPS65051, TPS65052, TPS65054 and TPS65056 contain a comparator that are used to supervise a voltage
connected to an external voltage divider, and generate a reset signal if the voltage is lower than the threshold.
The rising edge is delayed by 100 ms at the open drain RESET output. The values for the external resistors R3
to R5 are calculated as follows:
VL = lower voltage threshold
VH = higher voltage threshold
VREF = reference voltage (1 V)
Example:
• V
L = 3.3 V
• V
H = 3.4 V
Set R5 = 100 k
Ω
→ R3 + R4 = 240 kΩ
→ R4 = 3.03 kΩ
→ R3 = 237 kΩ
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com