Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 22 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 22 Page - Texas Instruments

Back Button 65052 Datasheet HTML 18Page - Texas Instruments 65052 Datasheet HTML 19Page - Texas Instruments 65052 Datasheet HTML 20Page - Texas Instruments 65052 Datasheet HTML 21Page - Texas Instruments 65052 Datasheet HTML 22Page - Texas Instruments 65052 Datasheet HTML 23Page - Texas Instruments 65052 Datasheet HTML 24Page - Texas Instruments 65052 Datasheet HTML 25Page - Texas Instruments 65052 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
www.ti.com
Enable
RESET
+
-
HYSTERESIS
THRESHOLD
tNRESET
THRESHOLD-HYSTERESIS
Comparator
Output(Internal)
Vbat
Vbat
100ms
Delay
V
=1V
ref
RESET
THRESHOLD
RESET
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
Pulling the MODE pin high forces both converters to operate constantly in the PWM mode even at light load
currents. The advantage is the converters operate with a fixed frequency that allows simple filtering of the
switching frequency for noise sensitive applications. In this mode, the efficiency is lower compared to the power
save mode during light loads. For additional flexibility, it is possible to switch from power save mode to forced
PWM mode during operation. This allows efficient power management by adjusting the operation of the
converter to the specific system requirements.
To start up each converter independently, the device has a separate enable pin for each DC/DC converter and
for each LDO. If EN_DCDC1, EN_DCDC2, EN_LDO1, EN_LDO2, EN_LDO3, EN_LDO4 are set to high, the
corresponding converter starts up with soft start as previously described.
Pulling the enable pin low forces the device into shutdown, with a shutdown quiescent current as defined in the
electrical characteristics. In this mode, the P and N-Channel MOSFETs are turned-off, the and the entire internal
control circuitry is switched-off. If disabled, the outputs of the LDOs are pulled low by internal 350
Ω resistors,
actively discharging the output capacitor. For proper operation, the enable pins must be terminated and must not
be left unconnected.
The TPS65051, TPS65052, TPS65054 and TPS65056 contain circuitry that can generate a reset pulse for a
processor with a 100 ms delay time. The input voltage at a comparator is sensed at an input called threshold.
When the voltage exceeds the threshold, the output goes high with a 100-ms delay time. A hysteresis can be
defined with an external resistor connected to the hysteresis input. This circuitry is functional as soon as the
supply voltage at VCC exceeds the undervoltage lockout threshold. Therefore, the TPS6505x has a shutdown
current (all DCDC converters and LDOs are off) of 9
µA in order to supply bandgap and comparator.
Figure 21. RESET Pulse Circuit
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com