Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 18 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 18 Page - Texas Instruments

Back Button 65052 Datasheet HTML 14Page - Texas Instruments 65052 Datasheet HTML 15Page - Texas Instruments 65052 Datasheet HTML 16Page - Texas Instruments 65052 Datasheet HTML 17Page - Texas Instruments 65052 Datasheet HTML 18Page - Texas Instruments 65052 Datasheet HTML 19Page - Texas Instruments 65052 Datasheet HTML 20Page - Texas Instruments 65052 Datasheet HTML 21Page - Texas Instruments 65052 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
www.ti.com
t − Time=100 s/div
m
V =3.6V
T
=25 C
VLDO1=3.3V
VLDO1=40mA to360mA
I
A
o
CH1(VLDO1)
CH2
I(LDO1)
t − Time=100 s/div
m
V =3.6V
VLDO4=1.3V
T
=25 C
I
A
VLDO4=20mA to180mA
o
CH1(VLDO4)
CH2
I(LDO4)
t − Time=100 s/div
m
V =3.6Vto4.2Vto3.6V
T
=25 C
VLDO1=100mA
Mode=High
I
A
o
VLDO1=3.3V
CH1
VIN(LDO1)
CH2(VLDO1)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
1M
10M
f − Frequency − Hz
100k
10k
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
LDO1 LOAD TRANSIENT RESPONSE
LDO4 LOAD TRANSIENT RESPONSE
Figure 15.
Figure 16.
POWER SUPPLY REJECTION RATIO
vs
LDO1 LINE TRANSIENT RESPONSE
FREQUENCY
Figure 17.
Figure 18.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com