Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 23 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 23 Page - Texas Instruments

Back Button 65052 Datasheet HTML 19Page - Texas Instruments 65052 Datasheet HTML 20Page - Texas Instruments 65052 Datasheet HTML 21Page - Texas Instruments 65052 Datasheet HTML 22Page - Texas Instruments 65052 Datasheet HTML 23Page - Texas Instruments 65052 Datasheet HTML 24Page - Texas Instruments 65052 Datasheet HTML 25Page - Texas Instruments 65052 Datasheet HTML 26Page - Texas Instruments 65052 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
www.ti.com
Push-Button ON-OFF (PB-ON-OFF)
PB_IN
PB_IN
PB_OUT
Debounce
32ms
MinPulse
Width32ms
32ms
JK-
Flipflop
Default
Low
Vbat
RESPWRON
Short-Circuit Protection
Thermal Shutdown
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
The TPS65050 provides a PB-ON-OFF functionality instead of supervising a voltage with the threshold and
hysteresis inputs. The output at PB_OUT is held low after voltage is applied at VCC. Only after the input at PB-IN
is pulled high once, the output driver at PB_OUT goes to its inactive state, driven high with its external pullup
resistor. Further low-high pulses at PB-IN toggles the status of the PB_OUT output, and can be used to
shutdown and start the converter with a single push on a button by connecting the PB_OUT output to the enable
input of the converters.
Figure 22. Push-Button Circuit
All outputs are short-circuit protected with a maximum output current as defined in the Electrical Characteristics.
As soon as the junction temperature, TJ, exceeds 150°C (typically) for the DC/DC converters, the device goes
into thermal shutdown. In this mode, the P and N-Channel MOSFETs are turned-off. The device continues its
operation when the junction temperature falls below the thermal shutdown hysteresis again. A thermal shutdown
for one of the DC/DC converters disables both converters simultaneously.
The thermal shutdown temperature for the LDOs are set to typically 140
°C. Therefore, a LDO which may be
used to power an external voltage never heats up the chip high enough to turn off the DC/DC converters. If one
LDO exceeds the thermal shutdown temperature, all LDOs turns off simultaneously.
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com