Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 16 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 16 Page - Texas Instruments

Back Button 65052 Datasheet HTML 12Page - Texas Instruments 65052 Datasheet HTML 13Page - Texas Instruments 65052 Datasheet HTML 14Page - Texas Instruments 65052 Datasheet HTML 15Page - Texas Instruments 65052 Datasheet HTML 16Page - Texas Instruments 65052 Datasheet HTML 17Page - Texas Instruments 65052 Datasheet HTML 18Page - Texas Instruments 65052 Datasheet HTML 19Page - Texas Instruments 65052 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
www.ti.com
t − Time=200 s/div
m
V =3.6V
T
=25 C
I
A
o
Mode=Low
Load DCDC1=600mA
LoadDCDC2=600mA
CH3
(VDCDC2=1.5V)
CH4(VLDO1)
CH1(EN)
CH2
(VDCDC1=3.3V)
t − Time=20 s/div
m
V =3.6V
T
=25 C
ILDO1/2/3/4
I
A
o
=100mA
Mode=Low
CH3(VLDO3)
CH4(VLDO4)
CH1(VLDO1)
EN
CH2(VLDO2)
t − Time=100 s/div
m
VDCDC1=3.3V
ENDCDC1=High
ENDCDC2=Low
LoadCurrent=60mA to540mA
CH1(VDCDC1)
CH2
I(DCDC1)
V =4.2V
T
=25 C
I
A
o
Mode=High
t − Time=100 s/div
m
VDCDC1=3.3V
ENDCDC1=High
ENDCDC2=Low
LoadCurrent=60mA to540mA
V =4.2V
T
=25 C
I
A
o
Mode=Low
CH1(VDCDC1)
CH2
I(DCDC1)
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
DCDC1 STARTUP TIMING
LDO1 TO LDO4 STARTUP TIMING
Figure 7.
Figure 8.
DCDC1 LOAD TRANSIENT RESPONSE
DCDC1 LOAD TRANSIENT RESPONSE
Figure 9.
Figure 10.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com