Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 24 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 24 Page - Texas Instruments

Back Button 65052 Datasheet HTML 20Page - Texas Instruments 65052 Datasheet HTML 21Page - Texas Instruments 65052 Datasheet HTML 22Page - Texas Instruments 65052 Datasheet HTML 23Page - Texas Instruments 65052 Datasheet HTML 24Page - Texas Instruments 65052 Datasheet HTML 25Page - Texas Instruments 65052 Datasheet HTML 26Page - Texas Instruments 65052 Datasheet HTML 27Page - Texas Instruments 65052 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
www.ti.com
Low Dropout Voltage Regulators
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
The low dropout voltage regulators are designed to operate well with small ceramic input and output capacitors.
They operate with input voltages down to 1.5 V. The LDOs offer a maximum dropout voltage of 280 mV at rated
output current. Each LDO supports a current limit feature. The LDOs are enabled by the EN_LDO1, ENLDO2,
EN_LDO3 and EN_LDO4 pin. In TPS65050 and TPS65052, the output voltage of the LDOs is set using 4 pins.
The DEFLDO1 to DEFLDO4 pins can either be connected to GND or Vbat (VCC) to define a set of output
voltages for LDO1 to LDO4 according to table 1. Connecting the DEFLDOx pins to a voltage different from GND
or VCC causes increased leakage current into VCC. In TPS65051 and TPS65054, the output voltage of the LDOs
is set using external resistor dividers.
TPS65050 and TPS65052 default voltage options adjustable with DEFLDO4
…DEFLDO1 according to Table 1.
Table 1. Default Options
DEFLDO1
DEFLDO2
DEFLDO3
DEFLDO4
VLDO1
VLDO2
VLDO3
VLDO4
400 mA LDO
400 mA LDO
200 mA LDO
200 mA LDO
1.8 V - 5.5 V
1.8 V - 5.5 V
1.5 V - 5.5 V
1.5 V - 5.5 V
Input
Input
Input
Input
0
0
0
0
3.3 V
3.3 V
1.85 V
1.85 V
0
0
0
1
3.3 V
3.3 V
1.5 V
1.5 V
0
0
1
0
3.3 V
2.85 V
2.85 V
2.7 V
0
0
1
1
3.3 V
2.85 V
2.85 V
2.5 V
0
1
0
0
3.3 V
2.85 V
2.85 V
1.85 V
0
1
0
1
3.3 V
2.85 V
1.85 V
1.85 V
0
1
1
0
3.3 V
2.85 V
1.5 V
1.5 V
0
1
1
1
3.3 V
2.85 V
1.5 V
1.3 V
1
0
0
0
3.3 V
2.85 V
1.1 V
1.3 V
1
0
0
1
2.85 V
2.85 V
1.85 V
1.85 V
1
0
1
0
2.7 V
3.3 V
1.2 V
1.2 V
1
0
1
1
2.5 V
3.3 V
1.5 V
1.5 V
1
1
0
0
2.5 V
3.3 V
1.5 V
1.3 V
1
1
0
1
1.85 V
1.85 V
1.35 V
1.35 V
1
1
1
0
1.8 V
2.5 V
3.3 V
2.85 V
1
1
1
1
1.2 V
1.8 V
1.1 V
1.3 V
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com