Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 20 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 20 Page - Texas Instruments

Back Button 65052 Datasheet HTML 16Page - Texas Instruments 65052 Datasheet HTML 17Page - Texas Instruments 65052 Datasheet HTML 18Page - Texas Instruments 65052 Datasheet HTML 19Page - Texas Instruments 65052 Datasheet HTML 20Page - Texas Instruments 65052 Datasheet HTML 21Page - Texas Instruments 65052 Datasheet HTML 22Page - Texas Instruments 65052 Datasheet HTML 23Page - Texas Instruments 65052 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
www.ti.com
Power-Save Mode
32 W
VINDCDC
I
=
(PFM_enter)
(1)
24 W
VINDCDC
I
=
(PSMDCDC_leave)
(2)
Dynamic Voltage Positioning
FastLoad Transient
PFMMode
LightLoad
PFMMode
Medium/HeavyLoad
COMP_LOW Threshold
PFMMode
LightLoad
-1%
Smooth
IncreasedLoad
PFMMode
Medium/HeavyLoad
+1%
VOUT_NOM
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
The Power Save Mode is enabled with the Mode pin set to 0. If the load current decreases, the converters
enters Power Save Mode operation automatically. During Power Save Mode, the converters operate with
reduced switching frequency in PFM mode, and with a minimum quiescent current to maintain high efficiency.
The converter positions the output voltage 1% above the nominal output voltage. This voltage positioning feature
minimizes voltage drops caused by a sudden load step.
To optimize the converter efficiency at light load, the average current is monitored. If in PWM mode, the inductor
current remains below a certain threshold, then Power Save Mode is entered. The typical threshold is calculated
according to Equation 1:
A.
Average output current threshold to enter PFM mode.
A.
Average output current threshold to leave PFM mode.
During the Power Save Mode, the output voltage is monitored with a comparator. As the output voltage falls
below the skip comparator threshold (skip comp), the P-channel switch turns on, and the converter effectively
delivers a constant current. If the load is below the delivered current, the output voltage rises until the skip comp
threshold is crossed again, then all switching activity ceases, reducing the quiescent current to a minimum until
the output voltage has dropped below the threshold. If the load current is greater than the delivered current, the
output voltage falls until it crosses the skip comparator low (Skip Comp Low) threshold set to 1% below nominal
VO, then Power Save Mode is exited, and the converter returns to PWM mode
These control methods reduce the quiescent current to 12
µA per converter, and the switching frequency to a
minimum achieving the highest converter efficiency. The PFM mode operates with low output voltage ripple. The
ripple depends on the comparator delay, and the size of the output capacitor; increasing capacitor values
decreases the output ripple voltage.
The Power Save Mode can be disabled by driving the MODE pin high. In forced PWM mode, both converters
operate with fixed frequency PWM mode regardless of the load.
This feature reduces the voltage under/overshoots at load steps from light to heavy load and vice versa. It is
activated in Power Save Mode operation when the converter runs in PFM Mode. It provides more headroom for
both, the voltage drop at a load step and the voltage increase at a load throw-off. This improves load transient
behavior.
At light loads, in which the converter operate in PFM Mode, the output voltage is regulated typically 1% higher
than the nominal value. In the event of a load transient from light load to heavy load, the output voltage drops
until it reaches the skip comparator low threshold set to -1% below the nominal value and enters PWM mode.
During a release from heavy load to light load, the voltage overshoot is also minimized due to active regulation
turning on the N-channel switch.
Figure 19. Dynamic Voltage Positioning
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com