Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 3 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 3 Page - Texas Instruments

  65052 Datasheet HTML 1Page - Texas Instruments 65052 Datasheet HTML 2Page - Texas Instruments 65052 Datasheet HTML 3Page - Texas Instruments 65052 Datasheet HTML 4Page - Texas Instruments 65052 Datasheet HTML 5Page - Texas Instruments 65052 Datasheet HTML 6Page - Texas Instruments 65052 Datasheet HTML 7Page - Texas Instruments 65052 Datasheet HTML 8Page - Texas Instruments 65052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
RECOMMENDED OPERATING CONDITIONS (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VINLDO1,
Output voltage range for LDO1 and LDO2
1
V
VINLDO2
VO
Output voltage range for LDO3 and LDO4
1
VINLDO3/4
V
Output current at L1 (DCDC1) for TPS65051, TPS65052
1000
mA
Output current at L1 (DCDC1) for TPS65050, TPS65054
600
mA
IO
Output current at L1 (DCDC2)
600
mA
Output current at VLDO1, VLDO2
400
mA
Output current at VLDO3, VLDO4
200
mA
Inductor at L1, L2(1)
1.5
2.2
µH
Output capacitor at VDCDC1, VDCDC2(2)
10
22
µF
CO
Output capacitor at VLDO1, VLDO2, VLDO3, VLDO4(2)
2.2
µF
Input capacitor at VCC(2)
1
µF
CI
Input capacitor at VINLDO1/2(2)
2.2
µF
Input capacitor at VINLDO3/4(2)
2.2
µF
TA
Operating ambient temperature range
-40
85
°C
TJ
Operating junction temperature range
-40
125
°C
Resistor from battery voltage to VCC used for filtering(3)
1
10
Ω
(1)
See the Application Information section of this data sheet for more details.
(2)
See the Application Information section of this data sheet for more details.
(3)
Up to 2 mA can flow into VCC when both converters are running in PWM, this resistor causes the UVLO threshold to be shifted
accordingly.
V
CC = VINDCDC1/2 = 3.6 V, EN = VCC, MODE = GND, L = 2.2 µH, CO = 10 µF. TA = -40°C to 85°C, typical values are at
T
A = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range at VINDCDC1/2
2.5
6
V
One converter, IO = 0 mA.
PFM mode enabled (Mode = GND) device not
20
30
µA
switching, EN_DCDC1 = VI OR EN_DCDC2 = VI;
EN_LDO1= EN_LDO2 = EN_LDO3/4 = GND
Two converters, IO = 0 mA
Operating quiescent current
PFM mode enabled (Mode = 0) device not
32
40
µA
IQ
Total current into VCC, VINDCDC1/2,
switching, EN_DCDC1 = VI AND EN_DCDC2 = VI;
VINLDO1, VINLDO2, VINLDO3/4
EN_LDO1 = EN_LDO2 = EN_LDO3/4 = GND
One converter, IO = 0 mA.
PFM mode enabled (Mode = GND) device not
switching, EN_DCDC1 = VI OR EN_DCDC2 = VI;
180
250
µA
EN_LDO1 = EN_LDO2 = EN_LDO3 = EN_LDO4 =
VI
One converter, IO = 0 mA.
Switching with no load (Mode = VI), PWM operation
0.85
mA
EN_DCDC1 = VI OR EN_DCDC2 = VI; EN_LDO1 =
EN_LDO2 = EN_LDO3/4 = GND
IQ
Operating quiescent current into VCC
Two converters, IO = 0 mA
Switching with no load (Mode = VI), PWM operation
1.25
mA
EN_DCDC1 = VI AND EN_DCDC2 = VI; EN_LDO1
= EN_LDO2 = EN_LDO3/4 = GND
EN_DCDC1 = EN_DCDC2 = GND EN_LDO1 =
I(SD)
Shutdown current
9
12
µA
EN_LDO2 = EN_LDO3 = EN_LDO4 = GND
Undervoltage lockout threshold for
V(UVLO)
Voltage at VCC
1.8
2
V
DCDC converters and LDOs
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com