Electronic Components Datasheet Search
  English  ▼

X  

65052 Datasheet(PDF) 26 Page - Texas Instruments

Part # 65052
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65052 Datasheet(HTML) 26 Page - Texas Instruments

Back Button 65052 Datasheet HTML 22Page - Texas Instruments 65052 Datasheet HTML 23Page - Texas Instruments 65052 Datasheet HTML 24Page - Texas Instruments 65052 Datasheet HTML 25Page - Texas Instruments 65052 Datasheet HTML 26Page - Texas Instruments 65052 Datasheet HTML 27Page - Texas Instruments 65052 Datasheet HTML 28Page - Texas Instruments 65052 Datasheet HTML 29Page - Texas Instruments 65052 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
www.ti.com
V(DEFDCDC2)
VO
R3
=R4 x
-R4
()
R4
R3+R4
V
=V
O
(DEFDCDC2)
x
(5)
Output Filter Design (Inductor and Output Capacitor)
Inductor Selection
L x
¦
1-
VI
2
I (max)=I (max)+
L
O
DI
=V
x
L
O
VO
DIL
(6)
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
V
(DEFDCDC2) = 0.6 V
See Table 3 for typical resistor values:
Table 3. Typical Resistor Values
OUTPUT VOLTAGE
R1
R2
NOMINAL VOLTAGE
Typical CFF
3.3 V
680 k
Ω
150 k
Ω
3.32 V
47 pF
3 V
510 k
Ω
130 k
Ω
2.95 V
47 pF
2.85 V
560 k
Ω
150 k
Ω
2.84 V
47 pF
2.5 V
510 k
Ω
160 k
Ω
2.51 V
47 pF
1.8 V
300 k
Ω
150 k
Ω
1.8 v
47 pF
1.6 V
200 k
Ω
120 k
Ω
1.6 V
47 pF
1.5 V
300 k
Ω
200 k
Ω
1.5 V
47 pF
1.2 V
330 k
Ω
330 k
Ω
1.2 V
47 pF
The two converters operate with 2.2-
µH output inductor. Larger or smaller inductor values can be used to
optimize the performance of the device for specific operation conditions. The selected inductor has to be rated
for its dc resistance and saturation current. The dc resistance of the inductance directly influences the efficiency
of the converter. Therefore, an inductor with lowest dc resistance should be selected for highest efficiency. The
minimum inductor value is 1.5
µH, but an output capacitor of 22 µF minimum is needed in this case. For an
output voltage above 2.8 V, an inductor value of 3.3
µH minimum is recommended. Lower values result in an
increased output voltage ripple in PFM mode.
Equation 6 calculates the maximum inductor current under static load conditions. The saturation current of the
inductor should be rated higher than the maximum inductor current as calculated with Equation 6. This is
recommended because during heavy load transient the inductor current rises above the calculated value.
with:
• f = Switching Frequency (2.25-MHz typical)
• L = Inductor Value
• ∆ I
L= Peak-to-peak inductor ripple current
• I
Lmax = Maximum Inductor current
The highest inductor current occurs at maximum VI. Open core inductors have a soft saturation characteristic,
and they can normally handle higher inductor currents versus a comparable shielded inductor.
A more conservative approach is to select the inductor current rating just for the maximum switch current of the
corresponding converter. Consideration must be given to the difference in the core material from inductor to
inductor which has an impact on the efficiency especially at high switching frequencies. See Table 4 and the
typical applications for possible inductors.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com